Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC164D-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC164D-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC164D-Q100
Download  74HC164D-Q100 Download

File Size   725.83 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit serial-in, parallel-out shift register

74HC164D-Q100 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC164D-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC164D-Q100
Download  74HC164D-Q100 Click to download

File Size   725.83 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit serial-in, parallel-out shift register

74HC164D-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved

Back Button 74HC164D-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC164D-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC164D-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC164D-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC164D-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC164D-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC164D-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC164D-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC164D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC164D-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button 

74HC164D-Q100 Product details

General description
The 74HC164-Q100; 74HCT164-Q100 is an 8-bit serial-in/parallel-out shift register. The device features two serial data inputs (DSA and DSB), eight parallel data outputs (Q0 to Q7). Data is entered serially through DSA or DSB and either input can be used as an active HIGH enable for data entry through the other input. Data is shifted on the LOW-to-HIGH transitions of the clock (CP) input. A LOW on the master reset input (MR) clears the register and forces all outputs LOW, independently of other inputs. Inputs include clamp diodes that enable the use of current limiting resistors to interface inputs to voltages in excess of VCC.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100 (Grade 1) and is suitable for use in automotive applications.

Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
    • Specified from -40 °C to +85 °C and from -40 °C to +125 °C
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Input levels:
    • For 74HC164-Q100: CMOS level
    • For 74HCT164-Q100: TTL level
• Gated serial data inputs
• Asynchronous master reset
• Complies with JEDEC standards
    • JESD8C (2.7 V to 3.6 V)
    • JESD7A (2.0 V to 6.0 V)
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• ESD protection:
    • MIL-STD-883, method 3015 exceeds 2000 V
    • HBM JESD22-A114F exceeds 2000 V
    • MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0 Ω)
• Multiple package options
• DHVQFN package with Side-Wettable Flanks enabling Automatic Optical Inspection (AOI) of solder joints




Similar Part No. - 74HC164D-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC164D-Q100 NEXPERIA-74HC164D-Q100 Datasheet
272Kb / 16P
   8-bit serial-in, parallel-out shift register
Rev. 2 - 11 June 2020
More results


Similar Description - 74HC164D-Q100

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com