Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HK-2911 Datasheet (PDF) - List of Unclassifed Manufacturers

HK-2911 Datasheet PDF - List of Unclassifed Manufacturers
Part # HK-2911
Download  HK-2911 Download

File Size   362.23 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description CRYSTAL CLOCK OSCILLATORS

HK-2911 Datasheet (PDF)

Go To PDF Page Download Datasheet
HK-2911 Datasheet PDF - List of Unclassifed Manufacturers

Part # HK-2911
Download  HK-2911 Click to download

File Size   362.23 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description CRYSTAL CLOCK OSCILLATORS

HK-2911 Datasheet (HTML) - List of Unclassifed Manufacturers

HK-2911 Datasheet HTML 1Page - List of Unclassifed Manufacturers HK-2911 Datasheet HTML 2Page - List of Unclassifed Manufacturers

HK-2911 Product details

[NEL]

Description
The HK-2900 Series of quartz crystal oscillators provide DPECL Fast Edge compatible signals. This device is to operate using positive voltage and uses multiple ground pins for improved signal integrity. This device is intended to operate on positive voltage for PECL applications.

Features
• Wide frequency range–250.0MHz to 500.0MHz
• User specified tolerance available
• Case at electrical ground
• Will withstand vapor phase temperatures of 253°C for 4 minutes maximum
• All metal, resistance weld, hermetically sealed package
• High shock resistance, to 1500g
• Low Jitter
• Overtone technology
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• Dual ground plane for added stability
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• RoHS Compliant, Lead Free Construction




Similar Part No. - HK-2911

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HK-2910 NEL-HK-2910 Datasheet
218Kb / 2P
   Differential Positive ECL (DPECL)
More results


Similar Description - HK-2911

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
HS-2870 ETC1-HS-2870 Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1440 ETC1-SC-A1440 Datasheet
278Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Wolfgang Knap
22SMOP WK-22SMOP Datasheet
98Kb / 1P
   Crystal Clock Oscillators
32SMOP WK-32SMOP Datasheet
100Kb / 1P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
SJ460 ETC-SJ460 Datasheet
256Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1420 ETC1-SC-A1420 Datasheet
41Kb / 2P
   Crystal Clock Oscillators
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com