Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10H113 Datasheet (PDF) - ON Semiconductor

MC10H113 Datasheet PDF - ON Semiconductor
Part # MC10H113
Download  MC10H113 Download

File Size   96.59 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad Exclusive OR Gate

MC10H113 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10H113 Datasheet PDF - ON Semiconductor

Part # MC10H113
Download  MC10H113 Click to download

File Size   96.59 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Quad Exclusive OR Gate

MC10H113 Datasheet (HTML) - ON Semiconductor

MC10H113 Datasheet HTML 1Page - ON Semiconductor MC10H113 Datasheet HTML 2Page - ON Semiconductor MC10H113 Datasheet HTML 3Page - ON Semiconductor

MC10H113 Product details

Description
The MC10H113 is a Quad Exclusive OR Gate with an enable common to all four gates. The outputs may be wire−ORed together to perform a 4−bit comparison function (A = B). The enable is active LOW.

Features
• Propagation Delay, 1.3 ns Typical
• Power Dissipation 175 mW Typ/Pkg (No Load)
• Improved Noise Margin 150 mV (Over Operating Voltage and Temperature Range)
• Voltage Compensated
• MECL 10K™ Compatible
• Pb−Free Packages are Available




Similar Part No. - MC10H113

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H113 ONSEMI-MC10H113 Datasheet
151Kb / 6P
   Quad Exclusive OR Gate
February, 2006 ??Rev. 8
MC10H113FN ONSEMI-MC10H113FN Datasheet
151Kb / 6P
   Quad Exclusive OR Gate
February, 2006 ??Rev. 8
MC10H113FNG ONSEMI-MC10H113FNG Datasheet
151Kb / 6P
   Quad Exclusive OR Gate
February, 2006 ??Rev. 8
MC10H113FNR2 ONSEMI-MC10H113FNR2 Datasheet
151Kb / 6P
   Quad Exclusive OR Gate
February, 2006 ??Rev. 8
MC10H113FNR2G ONSEMI-MC10H113FNR2G Datasheet
151Kb / 6P
   Quad Exclusive OR Gate
February, 2006 ??Rev. 8
More results


Similar Description - MC10H113

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74ACT86 UTC-U74ACT86 Datasheet
133Kb / 4P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
   QUAD EXCLUSIVE-OR GATE
logo
National Semiconductor ...
CD4030M NSC-CD4030M Datasheet
97Kb / 4P
   Quad EXCLUSIVE-OR Gate
logo
STMicroelectronics
M54HC86 STMICROELECTRONICS-M54HC86 Datasheet
232Kb / 9P
   QUAD EXCLUSIVE OR GATE
M74HCT86-2 STMICROELECTRONICS-M74HCT86-2 Datasheet
174Kb / 8P
   QUAD EXCLUSIVE OR GATE
logo
Toshiba Semiconductor
TC74HCT86AP TOSHIBA-TC74HCT86AP Datasheet
175Kb / 4P
   QUAD EXCLUSIVE OR GATE
TC74LVX86F TOSHIBA-TC74LVX86F Datasheet
240Kb / 8P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
74LVQ86 STMICROELECTRONICS-74LVQ86 Datasheet
57Kb / 8P
   QUAD EXCLUSIVE OR GATE
February 1999
logo
Rohm
BU4030B ROHM-BU4030B Datasheet
46Kb / 4P
   Quad exclusive OR gate
logo
Motorola, Inc
MC10113 MOTOROLA-MC10113 Datasheet
104Kb / 5P
   Quad Exclusive OR Gate
logo
Toshiba Semiconductor
TC74VHC86F TOSHIBA-TC74VHC86F Datasheet
201Kb / 5P
   QUAD EXCLUSIVE OR GATE
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com