Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC1G126GW-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC1G126GW-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC1G126GW-Q100
Download  74AHC1G126GW-Q100 Download

File Size   696.81 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Bus buffer/line driver; 3-state

74AHC1G126GW-Q100 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC1G126GW-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC1G126GW-Q100
Download  74AHC1G126GW-Q100 Click to download

File Size   696.81 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Bus buffer/line driver; 3-state

74AHC1G126GW-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved

Back Button 74AHC1G126GW-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AHC1G126GW-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AHC1G126GW-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AHC1G126GW-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AHC1G126GW-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AHC1G126GW-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AHC1G126GW-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AHC1G126GW-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AHC1G126GW-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AHC1G126GW-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button 

74AHC1G126GW-Q100 Product details

General description
74AHC1G126-Q100 and 74AHCT1G126-Q100 are high-speed Si-gate CMOS devices.
They provide one non-inverting buffer/line driver with 3-state output. The output enable input pin (OE) controls the 3-state output. A LOW at pin OE causes the output to assume a high-impedance OFF-state.
The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V.
The AHCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100 (Grade 1) and is suitable for use in automotive applications.

Features and benefits
■ Automotive product qualification in accordance with AEC-Q100 (Grade 1)
    ◆ Specified from -40 °C to +85 °C and from -40 °C to +125 °C
■ Symmetrical output impedance
■ High noise immunity
■ Low power dissipation
■ Balanced propagation delays
■ Multiple package options
■ ESD protection:
    ◆ MIL-STD-883, method 3015 exceeds 2000 V
    ◆ HBM JESD22-A114F exceeds 2000 V
    ◆ MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0 Ω)




Similar Part No. - 74AHC1G126GW-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC1G126GW-Q100 NEXPERIA-74AHC1G126GW-Q100 Datasheet
237Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 3 - 11 January 2022
More results


Similar Description - 74AHC1G126GW-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com