Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QO340 Datasheet (PDF) - Schneider Electric

QO340 Datasheet PDF - Schneider Electric
Part # QO340
Download  QO340 Download

File Size   124.48 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QO mini breaker, 40 A, 3 pole, 120/240 V, 10 kA, plug in

QO340 Datasheet (PDF)

Go To PDF Page Download Datasheet
QO340 Datasheet PDF - Schneider Electric

Part # QO340
Download  QO340 Click to download

File Size   124.48 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QO mini breaker, 40 A, 3 pole, 120/240 V, 10 kA, plug in

QO340 Datasheet (HTML) - Schneider Electric

QO340 Datasheet HTML 1Page - Schneider Electric QO340 Datasheet HTML 2Page - Schneider Electric QO340 Datasheet HTML 3Page - Schneider Electric



Similar Part No. - QO340

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO3401021 SCHNEIDER-QO3401021 Datasheet
174Kb / 2P
   Mini CB, QO, 40 A, 3P, 120/240 V, 10 kA, Plug in, Shunt Trip
QO3401042 SCHNEIDER-QO3401042 Datasheet
148Kb / 2P
   Mini CB, QO, 40 A, 3P, 120/240 V, 10 kA, Plug in, Shunt Trip
QO3401200 SCHNEIDER-QO3401200 Datasheet
140Kb / 2P
   Mini CB, QO, 40 A, 3P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
QO3401201 SCHNEIDER-QO3401201 Datasheet
140Kb / 2P
   Mini CB, QO, 40 A, 3P, 120/240 V, 10 kA, Plug in, Aux Switch 1B
QO3402100 SCHNEIDER-QO3402100 Datasheet
138Kb / 2P
   Mini CB, QO, 40 A, 3P, 120/240 V, 10 kA, Plug in, Alarm Switch
More results


Similar Description - QO340

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO340CP SCHNEIDER-QO340CP Datasheet
170Kb / 2P
   QO mini breaker, 40 A, 3 pole, 120/240 V, 10 kA, plug in, CP
QO390 SCHNEIDER-QO390 Datasheet
133Kb / 3P
   QO mini breaker, 90 A, 3 pole, 120/240 V, 10 kA, plug in
QO350 SCHNEIDER-QO350 Datasheet
129Kb / 3P
   QO mini breaker, 50 A, 3 pole, 120/240 V, 10 kA,plug in
QO345 SCHNEIDER-QO345 Datasheet
123Kb / 3P
   QO mini breaker, 45 A, 3 pole, 120/240 V, 10 kA, plug in
QO325 SCHNEIDER-QO325 Datasheet
122Kb / 3P
   QO mini breaker, 25 A, 3 pole, 120/240 V, 10 kA, plug in
QO315 SCHNEIDER-QO315 Datasheet
126Kb / 3P
   QO mini breaker, 15 A, 3 pole, 120/240 V, 10 kA, plug in
QO380 SCHNEIDER-QO380 Datasheet
125Kb / 3P
   QO mini breaker, 80 A, 3 pole, 120/240 V, 10 kA, plug in
QO320 SCHNEIDER-QO320 Datasheet
125Kb / 3P
   QO mini breaker, 20 A, 3 pole, 120/240 V, 10 kA, plug in
QO330 SCHNEIDER-QO330 Datasheet
128Kb / 3P
   QO mini breaker, 30 A, 3 pole, 120/240 V, 10 kA, plug in
QO3100 SCHNEIDER-QO3100 Datasheet
125Kb / 3P
   QO mini breaker, 100 A, 3 pole, 120/240 V, 10 kA, plug in
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com