Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QO225 Datasheet (PDF) - Schneider Electric

QO225 Datasheet PDF - Schneider Electric
Part # QO225
Download  QO225 Download

File Size   114.5 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QO mini breaker, 25 A, 2 pole, 120/240 V, 10 kA, plug in

QO225 Datasheet (PDF)

Go To PDF Page Download Datasheet
QO225 Datasheet PDF - Schneider Electric

Part # QO225
Download  QO225 Click to download

File Size   114.5 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QO mini breaker, 25 A, 2 pole, 120/240 V, 10 kA, plug in

QO225 Datasheet (HTML) - Schneider Electric

QO225 Datasheet HTML 1Page - Schneider Electric QO225 Datasheet HTML 2Page - Schneider Electric QO225 Datasheet HTML 3Page - Schneider Electric



Similar Part No. - QO225

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO2251021 SCHNEIDER-QO2251021 Datasheet
154Kb / 2P
   Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
QO2251042 SCHNEIDER-QO2251042 Datasheet
153Kb / 2P
   Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
QO2251200 SCHNEIDER-QO2251200 Datasheet
111Kb / 2P
   Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
QO2251201 SCHNEIDER-QO2251201 Datasheet
129Kb / 2P
   Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1B
QO2252100 SCHNEIDER-QO2252100 Datasheet
152Kb / 2P
   Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Plug in, Alarm Switch
More results


Similar Description - QO225

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO225CP SCHNEIDER-QO225CP Datasheet
141Kb / 2P
   QO mini breaker, 25 A, 2 pole, 120/240 V, 10 kA, plug in, CP
QO210 SCHNEIDER-QO210 Datasheet
111Kb / 3P
   QO mini breaker, 10 A, 2 pole, 120/240 V, 10 kA, plug in
QO325 SCHNEIDER-QO325 Datasheet
122Kb / 3P
   QO mini breaker, 25 A, 3 pole, 120/240 V, 10 kA, plug in
QO125 SCHNEIDER-QO125 Datasheet
107Kb / 3P
   QO mini breaker, 25 A, 1 pole, 120/240 V, 10 kA, plug in
QO230 SCHNEIDER-QO230 Datasheet
113Kb / 3P
   QO mini breaker, 30 A, 2 pole, 120/240 V, 10 kA, plug in
QO2125 SCHNEIDER-QO2125 Datasheet
120Kb / 3P
   QO mini breaker, 125 A, 2 pole, 120/240 V, 10 kA, plug in
QO280 SCHNEIDER-QO280 Datasheet
121Kb / 3P
   QO mini breaker, 80 A, 2 pole, 120/240 V, 10 kA, plug in
QO2100C SCHNEIDER-QO2100C Datasheet
138Kb / 2P
   QO mini breaker, 100 A, 2 pole, 120/240 V, 10 kA, plug in
QO2150 SCHNEIDER-QO2150 Datasheet
110Kb / 2P
   QO mini breaker, 150 A, 2 pole, 120/240 V, 10 kA, plug in
QO270 SCHNEIDER-QO270 Datasheet
117Kb / 3P
   QO mini breaker, 70 A, 2 pole, 120/240 V, 10 kA, plug in
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com