Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AFG3000C Datasheet (PDF) - TEKTRONIX, INC.

AFG3000C Datasheet PDF - TEKTRONIX, INC.
Part No. AFG3000C
Download  AFG3000C Click to view

File Size   718.23 Kbytes
Page   14 Pages
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.
Description Arbitrary/Function Generators

AFG3000C Datasheet (PDF)

Go To PDF Page Download Datasheet
AFG3000C Datasheet PDF - TEKTRONIX, INC.

Part No. AFG3000C
Download  AFG3000C Click to view

File Size   718.23 Kbytes
Page   14 Pages
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.
Description Arbitrary/Function Generators

AFG3000C Datasheet (HTML) - TEKTRONIX, INC.

Back Button AFG3000C Datasheet HTML 1Page - TEKTRONIX, INC. AFG3000C Datasheet HTML 2Page - TEKTRONIX, INC. AFG3000C Datasheet HTML 3Page - TEKTRONIX, INC. AFG3000C Datasheet HTML 4Page - TEKTRONIX, INC. AFG3000C Datasheet HTML 5Page - TEKTRONIX, INC. AFG3000C Datasheet HTML 6Page - TEKTRONIX, INC. AFG3000C Datasheet HTML 7Page - TEKTRONIX, INC. AFG3000C Datasheet HTML 8Page - TEKTRONIX, INC. AFG3000C Datasheet HTML 9Page - TEKTRONIX, INC. AFG3000C Datasheet HTML 10Page - TEKTRONIX, INC. Next Button 

AFG3000C Product details

Product Description
Unmatched performance, versatility, intuitive operation, and affordability make the AFG3000C Series of Function, Arbitrary Waveform, and Pulse Generators the most useful instruments in the industry.

Features & Benefits
■ 10 MHz, 25 MHz, 50 MHz, 100 MHz, or 240 MHz Sine Waveforms
■ 14 bits, 250 MS/s, 1 GS/s, or 2 GS/s Arbitrary Waveforms
■ Amplitude up to 20 Vp-p into 50 Ω Loads
■ 5.6 in. Color TFT LCD Display for Full Confidence in Settings and Waveform Shape
■ Multilanguage and Intuitive Operation Saves Setup Time
■ Pulse Waveform with Variable Edge Times
■ AM, FM, PM, FSK, PWM
■ Sweep and Burst
■ Dual-channel Models Save Cost and Bench Space
■ USB Connector on Front Panel for Waveform Storage on Memory Device
■ USB, GPIB, and LAN
■ LabVIEW and LabWindows/IVI-C Drivers

Applications
■ Electronic Test and Design
■ Sensor Simulation
■ Functional Test
■ Education and Training



Similar Part No. - AFG3000C

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
AFG3000C ETC2-AFG3000C Datasheet
342Kb / 8P
   Arbitrary Function Generators
More results

Similar Description - AFG3000C

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
AFG3000C ETC2-AFG3000C Datasheet
342Kb / 8P
   Arbitrary Function Generators
TEKTRONIX, INC.
TEKTRONIX, INC.
AFG31000 TEKTRONIX-AFG31000 Datasheet
1Mb / 22P
   Arbitrary Function Generators
List of Unclassifed Manufacturers
List of Unclassifed Man...
4084AWG ETC2-4084AWG Datasheet
1Mb / 2P
   Arbitrary/Function Generators
Keysight Technologies
Keysight Technologies
81160A KEYSIGHT-81160A Datasheet
3Mb / 36P
   Pulse Function Arbitrary Noise Generators
81150A KEYSIGHT-81150A Datasheet
3Mb / 36P
   Pulse Function Arbitrary Noise Generators
33521A KEYSIGHT-33521A Datasheet
575Kb / 12P
   30 MHz Function/Arbitrary Waveform Generators
B&K Precision Corporation
B&K Precision Corporati...
4060B BK-4060B Datasheet
2Mb / 6P
   Dual Channel Function/Arbitrary Waveform Generators
4050B BK-4050B Datasheet
2Mb / 5P
   Dual Channel Function/Arbitrary Waveform Generators
National Instruments Corporation
National Instruments Co...
NI5406 NI-NI5406 Datasheet
108Kb / 3P
   40 and 20 MHz Arbitrary Function Generators
List of Unclassifed Manufacturers
List of Unclassifed Man...
AWG70000A ETC2-AWG70000A Datasheet
776Kb / 20P
   Arbitrary Waveform Generators
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz