Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMD2716A-10M1900 Datasheet (PDF) - Soshin electric Co., Ltd.

HMD2716A-10M1900 Datasheet PDF - Soshin electric Co., Ltd.
Part # HMD2716A-10M1900
Download  HMD2716A-10M1900 Download

File Size   275.93 Kbytes
Page   3 Pages
Manufacturer  SOSHIN [Soshin electric Co., Ltd.]
Direct Link  http://www.soshin-ele.com/
Logo SOSHIN - Soshin electric Co., Ltd.
Description 1900MHz Band 10dB Chip Directional

HMD2716A-10M1900 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMD2716A-10M1900 Datasheet PDF - Soshin electric Co., Ltd.

Part # HMD2716A-10M1900
Download  HMD2716A-10M1900 Click to download

File Size   275.93 Kbytes
Page   3 Pages
Manufacturer  SOSHIN [Soshin electric Co., Ltd.]
Direct Link  http://www.soshin-ele.com/
Logo SOSHIN - Soshin electric Co., Ltd.
Description 1900MHz Band 10dB Chip Directional

HMD2716A-10M1900 Datasheet (HTML) - Soshin electric Co., Ltd.

HMD2716A-10M1900 Datasheet HTML 1Page - Soshin electric Co., Ltd. HMD2716A-10M1900 Datasheet HTML 2Page - Soshin electric Co., Ltd. HMD2716A-10M1900 Datasheet HTML 3Page - Soshin electric Co., Ltd.



Similar Part No. - HMD2716A-10M1900

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
HMD2710A-HYB2500 SOSHIN-HMD2710A-HYB2500 Datasheet
523Kb / 6P
   2500MHz Band 90deg. Chip Hybrid Coupler
HMD2710A-HYB2500 SOSHIN-HMD2710A-HYB2500 Datasheet
523Kb / 6P
   2500MHz Band 90deg. Chip Hybrid Coupler
HMD2711A-30M2000 SOSHIN-HMD2711A-30M2000 Datasheet
565Kb / 6P
   2.0GHz Band 30dB Chip Directional Coupler
HMD2712A-HYB0800 SOSHIN-HMD2712A-HYB0800 Datasheet
486Kb / 6P
   900MHz Band 90deg. Chip Hybrid Coupler
HMD2713A-30M2600 SOSHIN-HMD2713A-30M2600 Datasheet
558Kb / 6P
   2.5GHz Band 30dB Chip Directional Coupler
More results


Similar Description - HMD2716A-10M1900

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
ARP-4270500-C1 SOSHIN-ARP-4270500-C1 Datasheet
303Kb / 3P
   2500MHz Band 10dB Chip Directional
HMD2705A-10M2500 SOSHIN-HMD2705A-10M2500 Datasheet
303Kb / 3P
   2500MHz Band 10dB Chip Directional
HMD2717A-HYB1950 SOSHIN-HMD2717A-HYB1950 Datasheet
487Kb / 6P
   1900MHz Band 90deg. Chip Hybrid Coupler
logo
Anaren Microwave
1P510S ANAREN-1P510S Datasheet
508Kb / 4P
   Pico Xinger 10dB Directional Coupler
1M810 ANAREN-1M810 Datasheet
126Kb / 3P
   Micro Xinger 10dB Directional Coupler
1P610S ANAREN-1P610S Datasheet
513Kb / 4P
   Pico Xinger 10dB Directional Coupler
1M710 ANAREN-1M710 Datasheet
138Kb / 3P
   Micro Xinger 10dB Directional Coupler
1M810S ANAREN-1M810S Datasheet
521Kb / 3P
   Micro Xinger 10dB Directional Coupler
1P510 ANAREN-1P510 Datasheet
400Kb / 4P
   PICO XINGER 10dB DIRECTIONAL COUPLER
logo
Dielectric Laboratories...
FPC06073 DILABS-FPC06073 Datasheet
351Kb / 2P
   4 to 8GHz 10dB Directional Coupler
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com