Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q128FWBIQ Datasheet (PDF) - Winbond

W25Q128FWBIQ Datasheet PDF - Winbond
Part # W25Q128FWBIQ
Download  W25Q128FWBIQ Download

File Size   1585.91 Kbytes
Page   96 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 1.8V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI

W25Q128FWBIQ Datasheet (PDF)

Go To PDF Page Download Datasheet
W25Q128FWBIQ Datasheet PDF - Winbond

Part # W25Q128FWBIQ
Download  W25Q128FWBIQ Click to download

File Size   1585.91 Kbytes
Page   96 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 1.8V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI

W25Q128FWBIQ Datasheet (HTML) - Winbond

Back Button W25Q128FWBIQ Datasheet HTML 1Page - Winbond W25Q128FWBIQ Datasheet HTML 2Page - Winbond W25Q128FWBIQ Datasheet HTML 3Page - Winbond W25Q128FWBIQ Datasheet HTML 4Page - Winbond W25Q128FWBIQ Datasheet HTML 5Page - Winbond W25Q128FWBIQ Datasheet HTML 6Page - Winbond W25Q128FWBIQ Datasheet HTML 7Page - Winbond W25Q128FWBIQ Datasheet HTML 8Page - Winbond W25Q128FWBIQ Datasheet HTML 9Page - Winbond W25Q128FWBIQ Datasheet HTML 10Page - Winbond Next Button 

W25Q128FWBIQ Product details

GENERAL DESCRIPTIONS
The W25Q128FW (128M-bit) Serial Flash memory provides a storage solution for systems with limited space, pins and power. The 25Q series offers flexibility and performance well beyond ordinary Serial Flash devices. They are ideal for code shadowing to RAM, executing code directly from Dual/Quad SPI (XIP) and storing voice, text and data. The device operates on a single 1.65V to 1.95V power supply with current consumption as low as 4mA active and 1µA for power-down. All devices are offered in spacesaving packages.

FEATURES
• New Family of SpiFlash Memories
   – W25Q128FW: 128M-bit / 16M-byte
   – Standard SPI: CLK, /CS, DI, DO, /WP, /Hold
   – Dual SPI: CLK, /CS, IO0, IO1, /WP, /Hold
   – Quad SPI: CLK, /CS, IO0, IO1, IO2, IO3
   – QPI: CLK, /CS, IO0, IO1, IO2, IO3
   – Software & Hardware Reset
• Highest Performance Serial Flash
   – 104MHz Single, Dual/Quad SPI clocks
   – 208/416MHz equivalent Dual/Quad SPI
   – 50MB/S continuous data transfer rate
   – More than 100,000 erase/program cycles
   – More than 20-year data retention
• Efficient “Continuous Read” and QPI Mode
   – Continuous Read with 8/16/32/64-Byte
      Wrap
   – As few as 8 clocks to address memory
   – Quad Peripheral Interface (QPI) reduces
      instruction overhead
   – Allows true XIP (execute in place) operation
   – Outperforms X16 Parallel Flash
• Low Power, Wide Temperature Range
   – Single 1.65 to 1.95V supply
   – 4mA active current, <1µA Power-down (typ.)
   – -40°C to +85°C operating range
• Flexible Architecture with 4KB sectors
   – Uniform Sector/Block Erase (4K/32K/64K-Byte)
   – Program 1 to 256 byte per programmable page
   – Erase/Program Suspend & Resume
• Advanced Security Features
   – Software and Hardware Write-Protect
   – Power Supply Lock-Down and OTP protection
   – Top/Bottom, Complement array protection
   – Individual Block/Sector array protection
   – 64-Bit Unique ID for each device
   – Discoverable Parameters (SFDP) Register
   – 3X256-Bytes Security Registers with OTP locks
   – Volatile & Non-volatile Status Register Bits
• Space Efficient Packaging
   – 8-pin SOIC 208-mil
   – 8-pad WSON 6x5-mm / 8x6-mm
   – 16-pin SOIC 300-mil (additional /RESET pin)
   – 24-ball TFBGA 8x6-mm
   – Contact Winbond for KGD and other options




Similar Part No. - W25Q128FWBIQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q128FV WINBOND-W25Q128FV Datasheet
1Mb / 97P
   SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FVAIF WINBOND-W25Q128FVAIF Datasheet
1Mb / 100P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FVAIG WINBOND-W25Q128FVAIG Datasheet
1Mb / 97P
   SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FVAIG WINBOND-W25Q128FVAIG Datasheet
1Mb / 97P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FVAIG WINBOND-W25Q128FVAIG Datasheet
1Mb / 100P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Similar Description - W25Q128FWBIQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q128FVSIF-TR WINBOND-W25Q128FVSIF-TR Datasheet
1Mb / 100P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128JW WINBOND-W25Q128JW Datasheet
2Mb / 79P
   1.8V 128M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
July 29, 2021
W25Q128FVSIG WINBOND-W25Q128FVSIG_13 Datasheet
1Mb / 97P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16FWUUIQ-TR WINBOND-W25Q16FWUUIQ-TR Datasheet
1Mb / 90P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32DW WINBOND-W25Q32DW Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32DW WINBOND-W25Q32DW_12 Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16DW WINBOND-W25Q16DW_12 Datasheet
1Mb / 85P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16DWSSIG-TR WINBOND-W25Q16DWSSIG-TR Datasheet
1Mb / 84P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64DW WINBOND-W25Q64DW Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64DW WINBOND-W25Q64DW_12 Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com