Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M5M5256DFP-70VLL-W Datasheet (PDF) - Mitsubishi Electric Semiconductor

M5M5256DFP-70VLL-W Datasheet PDF - Mitsubishi Electric Semiconductor
Part No. M5M5256DFP-70VLL-W
Download  M5M5256DFP-70VLL-W Click to view

File Size   47.02 Kbytes
Page   7 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM

M5M5256DFP-70VLL-W Datasheet (PDF)

Go To PDF Page Download Datasheet
M5M5256DFP-70VLL-W Datasheet PDF - Mitsubishi Electric Semiconductor

Part No. M5M5256DFP-70VLL-W
Download  M5M5256DFP-70VLL-W Click to view

File Size   47.02 Kbytes
Page   7 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM

M5M5256DFP-70VLL-W Datasheet (HTML) - Mitsubishi Electric Semiconductor

M5M5256DFP-70VLL-W Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5256DFP-70VLL-W Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5256DFP-70VLL-W Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5256DFP-70VLL-W Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5256DFP-70VLL-W Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5256DFP-70VLL-W Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5256DFP-70VLL-W Datasheet HTML 7Page - Mitsubishi Electric Semiconductor

M5M5256DFP-70VLL-W Product details

DESCRIPTION
The M5M5256DFP,VP,RV is 262,144-bit CMOS static RAMs organized as 32,768-words by 8-bits which is fabricated using high-performance 3 polysilicon CMOS technology. The use of resistive load NMOS cells and CMOS periphery results in a high density and low power static RAM. Stand-by current is small enough for battery back-up application. It is ideal for the memory systems which require simple interface.
Especially the M5M5256DVP,RV are packaged in a 28-pin thin small outline package.Two types of devices are available, M5M5256DVP(normal lead bend type package),
M5M5256DRV(reverse lead bend type package). Using both types of devices, it becomes very easy to design a printed circuit board.

FEATURE
• Single +3.3±0.3V power supply
• No clocks, no refresh
• Data-Hold on +2.0V power supply
• Directly TTL compatible : all inputs and outputs
• Three-state outputs : OR-tie capability
• /OE prevents data contention in the I/O bus
• Common Data I/O
• Battery backup capability
• Low stand-by current··········0.05µA(typ.)

APPLICATION
   Small capacity memory units



Similar Part No. - M5M5256DFP-70VLL-W

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M5256DFP-70VLL-I MITSUBISHI-M5M5256DFP-70VLL-I Datasheet
43Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5256DFP-70VLL-W

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL MITSUBISHI-M5M5256DFP-70VLL Datasheet
62Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DP-45LL-1 MITSUBISHI-M5M5256DP-45LL-1 Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
Renesas Technology Corp
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M5278DP MITSUBISHI-M5M5278DP Datasheet
335Kb / 6P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL-I MITSUBISHI-M5M5256DFP-70VLL-I Datasheet
43Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
Renesas Technology Corp
Renesas Technology Corp
M5M5256DFP-70LLIBM RENESAS-M5M5256DFP-70LLIBM Datasheet
184Kb / 10P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz