Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IT8706R Datasheet (PDF) - List of Unclassifed Manufacturers

IT8706R Datasheet PDF - List of Unclassifed Manufacturers
Part # IT8706R
Download  IT8706R Download

File Size   294.73 Kbytes
Page   27 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Special General Purpose I/O

IT8706R Datasheet (PDF)

Go To PDF Page Download Datasheet
IT8706R Datasheet PDF - List of Unclassifed Manufacturers

Part # IT8706R
Download  IT8706R Click to download

File Size   294.73 Kbytes
Page   27 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Special General Purpose I/O

IT8706R Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button IT8706R Datasheet HTML 1Page - List of Unclassifed Manufacturers IT8706R Datasheet HTML 2Page - List of Unclassifed Manufacturers IT8706R Datasheet HTML 3Page - List of Unclassifed Manufacturers IT8706R Datasheet HTML 4Page - List of Unclassifed Manufacturers IT8706R Datasheet HTML 5Page - List of Unclassifed Manufacturers IT8706R Datasheet HTML 6Page - List of Unclassifed Manufacturers IT8706R Datasheet HTML 7Page - List of Unclassifed Manufacturers IT8706R Datasheet HTML 8Page - List of Unclassifed Manufacturers IT8706R Datasheet HTML 9Page - List of Unclassifed Manufacturers IT8706R Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

IT8706R Product details



[ITE]

General Description

The IT8706R is a Low Pin Count Interface-based General Purpose I/O (GPIO) chip. The IT8706R provides 18 GPIO ports with internal button de-bounced circuits and SMI generation circuit. The device operates with only single +5V power supply. The IT8706R is available in 28-pin SOP package.



Features

Low Pin Count Interface

  − Complies with Intel Low Pin Count Interface Specification Rev. 1.0

18 General Purpose I/O Pins

  − Input mode supports switch de-bounce

  − Simple Input/Output function

Single +5V Power Supply

28-pin SOP




Similar Part No. - IT8706R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IT8702F ETC1-IT8702F Datasheet
788Kb / 173P
   Super-Low Pin Count Input/Output (LPC I/O)
IT8705AF ETC1-IT8705AF Datasheet
974Kb / 185P
   Simple Low Pin Count Input/Output (simple LPC I/O)
IT8705F ETC1-IT8705F Datasheet
974Kb / 185P
   Simple Low Pin Count Input/Output (simple LPC I/O)
More results


Similar Description - IT8706R

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
4265 INTEL-4265 Datasheet
47Kb / 1P
   PROGRAMMABLE GENERAL PURPOSE I/O DEVICE
logo
Zilog, Inc.
EZ80F916005MODG ZILOG-EZ80F916005MODG Datasheet
258Kb / 20P
   I/O connector provides 32 general-purpose 5 V-tolerant I/O pinouts
logo
List of Unclassifed Man...
Z86E0208PSC ETC-Z86E0208PSC Datasheet
873Kb / 71P
   General-Purpose OTP MCU with 14 I/O LInes
logo
Zilog, Inc.
Z86C03 ZILOG-Z86C03 Datasheet
1Mb / 348P
   General-Purpose Register File. Flexible I/O. Analog Inputs
logo
BCD Semiconductor Manuf...
AT1140 BCDSEMI-AT1140 Datasheet
382Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
AT2042 BCDSEMI-AT2042 Datasheet
298Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<1.5pF
AT1240 BCDSEMI-AT1240 Datasheet
322Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
AT1042 BCDSEMI-AT1042 Datasheet
305Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC
AT1040 BCDSEMI-AT1040 Datasheet
304Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC
logo
Littelfuse
LA70QS10-14F LITTELFUSE-LA70QS10-14F_06 Datasheet
98Kb / 1P
   Special Purpose Fuses
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com