Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD3H045SPFRA Datasheet (PDF) - Rohm

RD3H045SPFRA Datasheet PDF - Rohm
Part # RD3H045SPFRA
Download  RD3H045SPFRA Download
File Size   2693.31 Kbytes
Page   15 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Pch -45V -4.5A Power MOSFET

RD3H045SPFRA Datasheet (PDF)

Go To PDF Page Download Datasheet
RD3H045SPFRA Datasheet PDF - Rohm

Part # RD3H045SPFRA
Download  RD3H045SPFRA Click to download

File Size   2693.31 Kbytes
Page   15 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Pch -45V -4.5A Power MOSFET

RD3H045SPFRA Datasheet (HTML) - Rohm




Similar Part No. - RD3H045SPFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RD3H045SP ROHM-RD3H045SP Datasheet
2Mb / 16P
Pch -45V -4.5A Power MOSFET
logo
Inchange Semiconductor ...
RD3H045SP ISC-RD3H045SP Datasheet
309Kb / 2P
isc P-Channel MOSFET Transistor
More results


Similar Description - RD3H045SPFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RSD046P05FRA ROHM-RSD046P05FRA Datasheet
596Kb / 16P
Pch 45V 4.5A Power MOSFET
RD3H045SP ROHM-RD3H045SP Datasheet
2Mb / 16P
Pch -45V -4.5A Power MOSFET
RSD046P05 ROHM-RSD046P05 Datasheet
722Kb / 13P
Pch 45V 4.5A Power MOSFET
RRQ045P03FRA ROHM-RRQ045P03FRA Datasheet
777Kb / 14P
Pch -30V -4.5A Power MOSFET
RW4C045BC ROHM-RW4C045BC Datasheet
2Mb / 14P
Pch -20V -4.5A Power MOSFET
20190610 - Rev.002
RW4E045AT ROHM-RW4E045AT Datasheet
2Mb / 14P
Pch -30V -4.5A Power MOSFET
20200227 - Rev.001
RSS060P05HZG ROHM-RSS060P05HZG Datasheet
2Mb / 14P
Pch -45V -6A Power MOSFET
RD3H080SPFRA ROHM-RD3H080SPFRA Datasheet
2Mb / 15P
Pch -45V -8A Power MOSFET
RD3H160SP ROHM-RD3H160SP Datasheet
2Mb / 16P
Pch -45V -16A Power MOSFET
RSR020P05TL ROHM-RSR020P05TL Datasheet
608Kb / 12P
Pch -45V -2.0A Power MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com