Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EL56 Datasheet (PDF) - ON Semiconductor

MC100EL56 Datasheet PDF - ON Semiconductor
Part # MC100EL56
Download  MC100EL56 Download

File Size   113.17 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Differential 2:1 Multiplexer

MC100EL56 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC100EL56 Datasheet PDF - ON Semiconductor

Part # MC100EL56
Download  MC100EL56 Click to download

File Size   113.17 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Differential 2:1 Multiplexer

MC100EL56 Datasheet (HTML) - ON Semiconductor

MC100EL56 Datasheet HTML 1Page - ON Semiconductor MC100EL56 Datasheet HTML 2Page - ON Semiconductor MC100EL56 Datasheet HTML 3Page - ON Semiconductor MC100EL56 Datasheet HTML 4Page - ON Semiconductor

MC100EL56 Product details

Description
The MC100LVEL56 is a dual, fully differential 2:1 multiplexer. The differential data path makes the device ideal for multiplexing low skew clock or other skew sensitive signals.
The device features both individual and common select inputs to address both data path and random logic applications.
The differential inputs have special circuitry which ensures device stability under open input conditions. When both differential inputs are left open the D input will pull down to VEE, The D input will bias around VCC/2 forcing the Q output LOW.
The VBB pin, an internally generated voltage supply, is available to this device only. For single-ended input conditions, the unused differential input is connected to VBB as a switching reference voltage. VBB may also rebias AC coupled inputs. When used, decouple VBB and VCC via a 0.01μF capacitor and limit current sourcing or sinking to 0.5 mA. When not used, VBB should be left open.

Features
• 580 ps Typical Propagation Delays
• Separate and Common Select
• The 100 Series Contains Temperature Compensation
• PECL Mode Operating Range:
   VCC = 3.0 V to 3.8 V with VEE = 0 V
• NECL Mode Operating Range:
   VCC = 0 V with VEE = −3.0 V to −3.8 V
• Internal Input Pulldown Resistors on D(s), SEL(s), and COM_SEL
• Q Output will Default LOW with Inputs Open or at VEE
• These Devices are Pb-Free, Halogen Free and are RoHS Compliant




Similar Part No. - MC100EL56

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL56 ONSEMI-MC100EL56 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100EL56 ONSEMI-MC100EL56 Datasheet
153Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
MC100EL56DW ONSEMI-MC100EL56DW Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100EL56DWG ONSEMI-MC100EL56DWG Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100EL56DWG ONSEMI-MC100EL56DWG Datasheet
153Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
More results


Similar Description - MC100EL56

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56 Datasheet
106Kb / 8P
   Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
MC10EP56 ONSEMI-MC10EP56_14 Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
logo
Renesas Technology Corp
ICS854S54I-01 RENESAS-ICS854S54I-01 Datasheet
419Kb / 18P
   Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
July 17, 2017
logo
Integrated Device Techn...
ICS854S54I-01 IDT-ICS854S54I-01 Datasheet
229Kb / 17P
   Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
logo
Renesas Technology Corp
ICS854S54I-02 RENESAS-ICS854S54I-02 Datasheet
964Kb / 17P
   Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
JULY30, 2010
logo
Integrated Device Techn...
ICS854S54I-02 IDT-ICS854S54I-02 Datasheet
769Kb / 16P
   Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
logo
ON Semiconductor
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY100EL56V MICREL-SY100EL56V Datasheet
55Kb / 4P
   5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Maxim Integrated Produc...
MAX9384 MAXIM-MAX9384 Datasheet
235Kb / 10P
   ECL/PECL Dual Differential 2:1 Multiplexer
Rev 0; 7/02
logo
Micrel Semiconductor
SY100EL56V MICREL-SY100EL56V_06 Datasheet
50Kb / 5P
   5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com