Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EM78P156N Datasheet (PDF) - ELAN Microelectronics Corp

EM78P156N Datasheet PDF - ELAN Microelectronics Corp
Part No. EM78P156N
Download  EM78P156N Click to view

File Size   1477.08 Kbytes
Page   58 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-BIT MICRO-CONTROLLER

EM78P156N Datasheet (PDF)

Go To PDF Page Download Datasheet
EM78P156N Datasheet PDF - ELAN Microelectronics Corp

Part No. EM78P156N
Download  EM78P156N Click to view

File Size   1477.08 Kbytes
Page   58 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-BIT MICRO-CONTROLLER

EM78P156N Datasheet (HTML) - ELAN Microelectronics Corp

Back Button EM78P156N Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P156N Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P156N Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P156N Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P156N Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P156N Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P156N Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P156N Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P156N Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P156N Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button 

EM78P156N Product details

GENERAL DESCRIPTION
EM78P156N is an 8-bit microprocessor designed and developed with low-power, high-speed CMOS technology.. It is equipped with 1K*13-bits Electrical One Time Programmable Read Only Memory (OTP-ROM). It provides three PROTECTION bits to prevent user’s code in the OTP memory from being intruded. 8 OPTION bits are also available to meet user’s requirements.
With its OTP-ROM feature, the EM78P156N is able to offer a convenient way of developing and verifying user’s programs. Moreover, user can take advantage of EMC Writer to easily program his development code.

FEATURES
• Operating voltage range : 2.5V~5.5V
• Operating temperature range: -40°C~85°C
• Operating frequency rang (base on 2 clocks ):
   * Crystal mode: DC~20MHz at 5V, DC~8MHz at 3V, DC~4MHz at 2.5V.
   * ERC mode: DC~4MHz at 5V, DC~4MHz at 3V, DC~4MHz at 2.5V.
• Low power consumption:
   * Less then 2 mA at 5V/4MHz
   * Typically 20 µA at 3V/32KHz
   * Typically 1 µA during sleep mode
• 1K × 13 bits on chip ROM
• One security register to prevent intrusion of OTP memory codes
• One configuration register to accommodate user’s requirements
• 48× 8 bits on chip registers (SRAM, general purpose register)
• 2 bi-directional I/O ports
• 5 level stacks for subroutine nesting
• 8-bit real time clock/counter (TCC) with selective signal sources, trigger edges,
   and overflow interrupt
• Two clocks per instruction cycle
• Power down (SLEEP) mode
• Three available interruptions
   * TCC overflow interrupt
   * Input-port status changed interrupt (wake up from sleep mode)
   * External interrupt
• Programmable free running watchdog timer
• 8 programmable pull-high pins
• 7 programmable pull-down pins
• 8 programmable open-drain pins
• 2 programmable R-option pins
• Package types:
   * 18 pin DIP 300mil : EM78P156NP
   * 18 pin SOP 300mil : EM78P156NM
   * 20 pin SSOP 209mil : EM78P156NAS
   * 20 pin SSOP 209mil : EM78P156NKM
• 99.9% single instruction cycle commands
• The transient point of system frequency between HXT and LXT is around 400KHz



Similar Part No. - EM78P156N

ManufacturerPart No.DatasheetDescription
ELAN Microelectronics Corp
ELAN Microelectronics C...
EM78P156E EMC-EM78P156E Datasheet
141Kb / 28P
   8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EH EMC-EM78P156EH Datasheet
344Kb / 39P
   8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EHAS EMC-EM78P156EHAS Datasheet
344Kb / 39P
   8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EHKM EMC-EM78P156EHKM Datasheet
344Kb / 39P
   8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EHM EMC-EM78P156EHM Datasheet
344Kb / 39P
   8-bit microprocessor with low-power and high-speed CMOS technology
More results

Similar Description - EM78P156N

ManufacturerPart No.DatasheetDescription
Micon Design Technology Corporation
Micon Design Technology...
MDT10P43 MDTIC-MDT10P43_04 Datasheet
345Kb / 10P
   8-bit Micro-controller
MDT2010JG MDTIC-MDT2010JG Datasheet
126Kb / 15P
   8-bit micro-controller
MDT10P716 MDTIC-MDT10P716 Datasheet
137Kb / 16P
   8-bit micro-controller
MDT10P10BG MDTIC-MDT10P10BG Datasheet
132Kb / 16P
   8-bit micro-controller
SyncMOS Technologies,Inc
SyncMOS Technologies,In...
SM59R16A2 SYNCMOS-SM59R16A2 Datasheet
651Kb / 67P
   8-Bit Micro-controller
Megawin Technology Co., Ltd
Megawin Technology Co.,...
MPC82X54A MEGAWIN-MPC82X54A Datasheet
1Mb / 74P
   8-bit micro-controller
MPC89E58A MEGAWIN-MPC89E58A Datasheet
240Kb / 36P
   8-bit micro-controller
King blillion Electronics Co.,Ltd.
King blillion Electroni...
HE83120 KB-HE83120 Datasheet
254Kb / 10P
   8-BIT MICRO-CONTROLLER
HE83123 KB-HE83123 Datasheet
233Kb / 11P
   8-BIT MICRO-CONTROLLER
HE83135 KB-HE83135 Datasheet
262Kb / 11P
   8-BIT MICRO-CONTROLLER
HE83R143 KB-HE83R143 Datasheet
297Kb / 11P
   8-BIT MICRO-CONTROLLER
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz