![]() |
Electronic Components Datasheet Search |
|
150U80D Datasheet (PDF) - International Rectifier |
150U80D Datasheet (HTML) - International Rectifier |
150U80D Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | 150U80D |
Download | 150U80D Click to view |
File Size | 87.61 Kbytes |
Page | 6 Pages |
Maker | IRF [International Rectifier] |
Homepage | http://www.irf.com |
Logo | |
Description | STANDARD RECOVERY DIODES |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
300HF | STANDARD RECOVERY DIODES Stud Version | 1 2 3 4 5 More | International Rectifier |
SD6000C | STANDARD RECOVERY DIODES Hockey Puk Version | 1 2 3 4 5 More | International Rectifier |
300UR40A | STANDARD RECOVERY DIODES | 1 2 3 4 5 More | International Rectifier |
70U | STANDARD RECOVERY DIODES | 1 2 3 4 5 More | International Rectifier |
301U | STANDARD RECOVERY DIODES Stud Version | 1 2 3 4 5 More | International Rectifier |
SD2500C | STANDARD RECOVERY DIODES Hockey Puk Version | 1 2 3 4 5 More | International Rectifier |
SD600N | STANDARD RECOVERY DIODES Stud Version | 1 2 3 4 5 More | International Rectifier |
SD150N12PV | STANDARD RECOVERY DIODES | 1 2 3 4 5 More | International Rectifier |
IRKD320-20 | STANDARD RECOVERY DIODES | 1 2 3 4 5 More | International Rectifier |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |