Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M512R88DJ-10 Datasheet (PDF) - Mitsubishi Electric Semiconductor

M5M512R88DJ-10 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M5M512R88DJ-10
Download  M5M512R88DJ-10 Download
File Size   62.77 Kbytes
Page   6 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM

M5M512R88DJ-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
M5M512R88DJ-10 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M5M512R88DJ-10
Download  M5M512R88DJ-10 Click to download

File Size   62.77 Kbytes
Page   6 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM

M5M512R88DJ-10 Datasheet (HTML) - Mitsubishi Electric Semiconductor


M5M512R88DJ-10 Product details

DESCRIPTION
The M5M512R88DJ is a family of 131072-word by 8-bit static RAMs, fabricated with the high performance CMOS silicon gate process and designed for high speed application.
These devices operate on a single 3.3V supply, and are directly TTL compatible. They include a power down feature as well.

FEATURES
• Fast access time M5M512R88DJ-10 ... 10ns(max)
                              M5M512R88DJ-12 ... 12ns(max)
                              M5M512R88DJ-15 ... 15ns(max)
• Low power dissipation   Active .................... 297mW(typ)
• Single +3.3V power supply
• Fully static operation : No clocks, No refresh
• Common data I/O
• Easy memory expansion by S
• Three-state outputs : OR-tie capability
• OE prevents data contention in the I/O bus
• Directly TTL compatible : All inputs and outputs

APPLICATION
   High-speed memory units




Similar Part No. - M5M512R88DJ-10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M51008BFP MITSUBISHI-M5M51008BFP Datasheet
68Kb / 7P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008BFP-10VL MITSUBISHI-M5M51008BFP-10VL Datasheet
68Kb / 7P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008BFP-10VLL MITSUBISHI-M5M51008BFP-10VLL Datasheet
68Kb / 7P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008BFP-12VL MITSUBISHI-M5M51008BFP-12VL Datasheet
68Kb / 7P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008BFP-12VLL MITSUBISHI-M5M51008BFP-12VLL Datasheet
68Kb / 7P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Similar Description - M5M512R88DJ-10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M51008CP-55H MITSUBISHI-M5M51008CP-55H Datasheet
87Kb / 7P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008DFP MITSUBISHI-M5M51008DFP Datasheet
70Kb / 8P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M51008BFP MITSUBISHI-M5M51008BFP Datasheet
68Kb / 7P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108CFP-70H MITSUBISHI-M5M5V108CFP-70H Datasheet
86Kb / 7P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108CFP-70HI MITSUBISHI-M5M5V108CFP-70HI Datasheet
87Kb / 7P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M51008DFP RENESAS-M5M51008DFP Datasheet
120Kb / 9P
1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M28F101AFP MITSUBISHI-M5M28F101AFP Datasheet
96Kb / 10P
1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
M5M5V216ATP MITSUBISHI-M5M5V216ATP Datasheet
111Kb / 7P
2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com