Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GK509 Datasheet (PDF) - List of Unclassifed Manufacturers

GK509 Datasheet PDF - List of Unclassifed Manufacturers
Part # GK509
Download  GK509 Download

File Size   85.49 Kbytes
Page   5 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Class A Amplifier with 2 DC Coupled Gain Blocks and Schottky Diodes

GK509 Datasheet (PDF)

Go To PDF Page Download Datasheet
GK509 Datasheet PDF - List of Unclassifed Manufacturers

Part # GK509
Download  GK509 Click to download

File Size   85.49 Kbytes
Page   5 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Class A Amplifier with 2 DC Coupled Gain Blocks and Schottky Diodes

GK509 Datasheet (HTML) - List of Unclassifed Manufacturers

GK509 Datasheet HTML 1Page - List of Unclassifed Manufacturers GK509 Datasheet HTML 2Page - List of Unclassifed Manufacturers GK509 Datasheet HTML 3Page - List of Unclassifed Manufacturers GK509 Datasheet HTML 4Page - List of Unclassifed Manufacturers GK509 Datasheet HTML 5Page - List of Unclassifed Manufacturers

GK509 Product details

[GENNUM]

DESCRIPTION
The GK509 is a Class A amplifier utilizing Gennum’s proprietary low voltage JFET technology. It consists of a single-ended, low noise inverting gain block, a Class A output stage, an on-chip microphone decoupling resistor, and a pair of Schottky diodes for symmetrical peak clipping.

FEATURES
• 100 µA typical current drain
• low noise and distortion
• 1.0 to 5 VDC operating range
• DC coupled stages
• Class A output stage
• Schottky diodes for MPO control
• variable transducer current
• 4 kΩ microphone decoupling resistor




Similar Description - GK509

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LS509 ETC-LS509 Datasheet
94Kb / 5P
   Class A Amplifier with 3 Gain Blocks & Schottky Diodes
LP508 ETC-LP508 Datasheet
80Kb / 4P
   Class A Amplifier with 2 Independent Gain Blocks
GP509 ETC1-GP509 Datasheet
138Kb / 4P
   Class A Amplifier with 2 Independent Gain Blocks
logo
Gennum Corporation
GC509 GENNUM-GC509 Datasheet
160Kb / 4P
   Class A Amplifier with 3 Independent Gain Blocks
logo
List of Unclassifed Man...
LD505 ETC-LD505 Datasheet
189Kb / 5P
   High Gain Class A Amplifier
logo
Gennum Corporation
LS505 GENNUM-LS505 Datasheet
163Kb / 5P
   High Gain Class A Amplifier with Peak Clipping
logo
NXP Semiconductors
TDA8944AJ NXP-TDA8944AJ Datasheet
406Kb / 20P
   2 x 7 W BTL audio amplifier with DC gain control
Rev. 01-01 March 2002
TDA8946AJ NXP-TDA8946AJ Datasheet
405Kb / 20P
   2 x 15 W BTL audio amplifier with DC gain control
Rev. 01-01 March 2002
logo
Shenzhen Huazhimei Semi...
HM8877 HMSEMI-HM8877 Datasheet
2Mb / 10P
   7.4W Class F, with automatic gain control audio amplifier
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
   2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com