Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-0014-XV Datasheet (PDF) - TAITIEN ELECTRONICS CO.,LTD

AT-0014-XV Datasheet PDF - TAITIEN ELECTRONICS CO.,LTD
Part # AT-0014-XV
Download  AT-0014-XV Download
File Size   267.88 Kbytes
Page   1 Pages
Manufacturer  TAITIEN [TAITIEN ELECTRONICS CO.,LTD]
Direct Link  https://www.taitien.com
Logo TAITIEN - TAITIEN ELECTRONICS CO.,LTD
Description 5.0 x 3.2 mm SMD Crystal

AT-0014-XV Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-0014-XV Datasheet PDF - TAITIEN ELECTRONICS CO.,LTD

Part # AT-0014-XV
Download  AT-0014-XV Click to download

File Size   267.88 Kbytes
Page   1 Pages
Manufacturer  TAITIEN [TAITIEN ELECTRONICS CO.,LTD]
Direct Link  https://www.taitien.com
Logo TAITIEN - TAITIEN ELECTRONICS CO.,LTD
Description 5.0 x 3.2 mm SMD Crystal

AT-0014-XV Datasheet (HTML) - TAITIEN ELECTRONICS CO.,LTD




Similar Part No. - AT-0014-XV

ManufacturerPart #DatasheetDescription
logo
TAITIEN ELECTRONICS CO....
AT-0012-XR TAITIEN-AT-0012-XR Datasheet
242Kb / 1P
6.0 x 3.5 mm SMD Crystal
AT-0013-XS TAITIEN-AT-0013-XS Datasheet
241Kb / 1P
5.0 x 3.2 mm Glass Seal SMD Crystal
AT-0017-XY TAITIEN-AT-0017-XY Datasheet
467Kb / 1P
2.5 x 2.0 mm SMD Crystal
AT-0018-X2 TAITIEN-AT-0018-X2 Datasheet
233Kb / 1P
3.2 x 2.5 mm Glass Seal SMD Crystal
More results


Similar Description - AT-0014-XV

ManufacturerPart #DatasheetDescription
logo
TAITIEN ELECTRONICS CO....
XO-0147-VW-M-CMOS TAITIEN-XO-0147-VW-M-CMOS Datasheet
286Kb / 1P
5.0 x 3.2 mm SMD Voltage Controlled Crystal Oscillator
XO-0170-PV TAITIEN-XO-0170-PV Datasheet
218Kb / 1P
5.0 x 3.2 mm SMD Crystal Oscillator
XO-0041-OV-TYPE TAITIEN-XO-0041-OV-TYPE Datasheet
367Kb / 1P
5.0 x 3.2 mm SMD Crystal Oscillator
XO-0043-TV TAITIEN-XO-0043-TV Datasheet
187Kb / 1P
5.0 x 3.2 mm SMD Voltage Controlled Temperature Compensated Crystal Oscillator
XO-0089-OW-LVPECL TAITIEN-XO-0089-OW-LVPECL Datasheet
386Kb / 1P
5.0 x 3.2 mm SMD LVPECL/LVDS Crystal Oscillator
AT-0002-XX TAITIEN-AT-0002-XX Datasheet
244Kb / 1P
3.2 x 2.5 mm SMD Crystal
AT-0013-XS TAITIEN-AT-0013-XS Datasheet
241Kb / 1P
5.0 x 3.2 mm Glass Seal SMD Crystal
TL-TYPE TAITIEN-TL-TYPE Datasheet
442Kb / 1P
5.0 x 3.2 mm SMD Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Transko Electronics, In...
CS53A TRANSKO-CS53A Datasheet
230Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.0mm)
Rev. 6: 10-10-19
CX53A TRANSKO-CX53A Datasheet
306Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.0mm)
Rev. 0: 11-12-2020
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com