Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR06W472-JTL Datasheet (PDF) - WALSIN TECHNOLOGY CORPORATION

SR06W472-JTL Datasheet PDF - WALSIN TECHNOLOGY CORPORATION
Part # SR06W472-JTL
Download  SR06W472-JTL Download

File Size   260.24 Kbytes
Page   9 Pages
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION
Description Sulfuration resistant 1000ppm

SR06W472-JTL Datasheet (PDF)

Go To PDF Page Download Datasheet
SR06W472-JTL Datasheet PDF - WALSIN TECHNOLOGY CORPORATION

Part # SR06W472-JTL
Download  SR06W472-JTL Click to download

File Size   260.24 Kbytes
Page   9 Pages
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION
Description Sulfuration resistant 1000ppm

SR06W472-JTL Datasheet (HTML) - WALSIN TECHNOLOGY CORPORATION

SR06W472-JTL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION SR06W472-JTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION SR06W472-JTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION SR06W472-JTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION SR06W472-JTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION SR06W472-JTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION SR06W472-JTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION SR06W472-JTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION SR06W472-JTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION

SR06W472-JTL Product details

DESCRIPTION
The resistors are constructed in a high grade ceramic body (aluminum oxide). Internal metal electrodes are added at each end and connected by a resistive paste that is applied to the top surface of the substrate. The extra protective metal film is added onto top side electrodes to protect termination from sulfuration. The composition of the paste is adjusted to give the approximate resistance required and the value is trimmed to within tolerance by laser cutting of this resistive layer.
The resistive layer is covered with a protective coat. Finally, the two external end terminations are added. For ease of soldering the outer layer of these end terminations is a Tin (lead free) alloy.

FEATURE
1. High reliability and stability ±1%
2. Sulfuration resistant 1000ppm
3. Automotive grade AEC Q-200 Compliant
4. 100% CCD inspection
5. RoHS compliant and Lead free products

APPLICATION
• Automotive application
• Consumer electrical equipment
• EDP, Computer application
• Telecom application




Similar Part No. - SR06W472-JTL

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SR060 YANGJIE-SR060 Datasheet
209Kb / 2P
   Schottky Rectifier
logo
ABC Taiwan Electronics ...
SR0602100ML ABC-SR0602100ML Datasheet
131Kb / 8P
   SMD POWER INDUCTOR
SR0602101KL ABC-SR0602101KL Datasheet
131Kb / 8P
   SMD POWER INDUCTOR
SR0602102KL ABC-SR0602102KL Datasheet
131Kb / 8P
   SMD POWER INDUCTOR
SR0602120ML ABC-SR0602120ML Datasheet
131Kb / 8P
   SMD POWER INDUCTOR
More results


Similar Description - SR06W472-JTL

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
SR20X WALSIN-SR20X Datasheet
485Kb / 8P
   Sulfuration resistant ASTM B-809-95 compliant
MR12 WALSIN-MR12 Datasheet
542Kb / 9P
   Sulfuration resistant ASTM B-809 60C 500 hrs
logo
KOA Speer Electronics, ...
CN-KRT KOA-CN-KRT Datasheet
367Kb / 2P
   anti sulfuration chip networks
CN-RT KOA-CN-RT Datasheet
393Kb / 2P
   anti sulfuration chip networks
RK73H2ARTTD1002F KOA-RK73H2ARTTD1002F Datasheet
237Kb / 2P
   flat chip resistors (anti-sulfuration)
RK73-RT KOA-RK73-RT Datasheet
237Kb / 2P
   flat chip resistors (anti-sulfuration)
RK73B2A KOA-RK73B2A Datasheet
95Kb / 2P
   flat chip resistors (anti-sulfuration)
CN1E4KRTTD103J KOA-CN1E4KRTTD103J Datasheet
306Kb / 2P
   anti sulfuration chip networks (convex termination)
logo
WALSIN TECHNOLOGY CORPO...
SFXXT WALSIN-SFXXT Datasheet
1Mb / 10P
   Anti-Sulfuration Thin Film Chip Resistors
WR02X_V WALSIN-WR02X_V Datasheet
234Kb / 7P
   General purpose & Anti-sulfuration chip resistors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com