Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M51008CP-55H Datasheet (PDF) - Mitsubishi Electric Semiconductor

M5M51008CP-55H Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M5M51008CP-55H
Download  M5M51008CP-55H Download

File Size   87.62 Kbytes
Page   7 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM

M5M51008CP-55H Datasheet (PDF)

Go To PDF Page Download Datasheet
M5M51008CP-55H Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M5M51008CP-55H
Download  M5M51008CP-55H Click to download

File Size   87.62 Kbytes
Page   7 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM

M5M51008CP-55H Datasheet (HTML) - Mitsubishi Electric Semiconductor


M5M51008CP-55H Product details

DESCRIPTION
The M5M51008CP,FP,VP,RV,KV,KR are a 1048576-bit CMOS static RAM organized as 131072 word by 8-bit which are fabricated using high-performance quadruple-polysilicon and double metal CMOS technology. The use of thin film transistor (TFT) load cells and CMOS periphery result in a high density and low power static RAM.
They are low standby current and low operation current and ideal for the battery back-up application.
The M5M51008CVP,RV,KV,KR are packaged in a 32-pin thin small outline package which is a high reliability and high density surface mount device(SMD). Two types of devices are available.
M5M51008CVP,KV(normal lead bend type package), M5M51008CRV,KR(reverse lead bend type package).Using both types of devices, it becomes very easy to design a printed circuit board.

FEATURES
• Low stand-by current 0.1µA (typ.)
• Directly TTL compatible : All inputs and outputs
• Easy memory expansion and power down by S1,S2
• Data hold on +2V power supply
• Three-state outputs : OR - tie capability
• OE prevents data contention in the I/O bus
• Common data I/O
• Package
   M5M51008CP ············ 32pin 600mil DIP
   M5M51008CFP ············ 32pin 525mil SOP
   M5M51008CVP,RV ············ 32pin 8 X 20 mm TSOP
   M5M51008CKV,KR ············ 32pin 8 X 13.4 mm TSOP
  
APPLICATION
• Small capacity memory units




Similar Part No. - M5M51008CP-55H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M51008BFP MITSUBISHI-M5M51008BFP Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008BFP-10VL MITSUBISHI-M5M51008BFP-10VL Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008BFP-10VLL MITSUBISHI-M5M51008BFP-10VLL Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008BFP-12VL MITSUBISHI-M5M51008BFP-12VL Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M51008BFP-12VLL MITSUBISHI-M5M51008BFP-12VLL Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
More results


Similar Description - M5M51008CP-55H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M512R88DJ-10 MITSUBISHI-M5M512R88DJ-10 Datasheet
62Kb / 6P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS STATIC RAM
M5M51008DFP MITSUBISHI-M5M51008DFP Datasheet
70Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108DFP-70H MITSUBISHI-M5M5V108DFP-70H Datasheet
59Kb / 8P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V108DFP-70H RENESAS-M5M5V108DFP-70H Datasheet
117Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M51008BFP MITSUBISHI-M5M51008BFP Datasheet
68Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108CFP-70H MITSUBISHI-M5M5V108CFP-70H Datasheet
86Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
M5M5V108CFP-70HI MITSUBISHI-M5M5V108CFP-70HI Datasheet
87Kb / 7P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Renesas Technology Corp
M5M51008DFP RENESAS-M5M51008DFP Datasheet
120Kb / 9P
   1048576-BIT(131072-WORD BY 8-BIT)CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M28F101AFP MITSUBISHI-M5M28F101AFP Datasheet
96Kb / 10P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
M5M5V216ATP MITSUBISHI-M5M5V216ATP Datasheet
111Kb / 7P
   2097152-BIT (131072-WORD BY 16-BIT) CMOS STATIC RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com