Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTN2010Z Datasheet (PDF) - Zetex Semiconductors

ZXTN2010Z Datasheet PDF - Zetex Semiconductors
Part # ZXTN2010Z
Download  ZXTN2010Z Download

File Size   126.24 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89

ZXTN2010Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN2010Z Datasheet PDF - Zetex Semiconductors

Part # ZXTN2010Z
Download  ZXTN2010Z Click to download

File Size   126.24 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89

ZXTN2010Z Datasheet (HTML) - Zetex Semiconductors

ZXTN2010Z Datasheet HTML 1Page - Zetex Semiconductors ZXTN2010Z Datasheet HTML 2Page - Zetex Semiconductors ZXTN2010Z Datasheet HTML 3Page - Zetex Semiconductors ZXTN2010Z Datasheet HTML 4Page - Zetex Semiconductors ZXTN2010Z Datasheet HTML 5Page - Zetex Semiconductors ZXTN2010Z Datasheet HTML 6Page - Zetex Semiconductors

ZXTN2010Z Product details

DESCRIPTION
Packaged in the SOT89 outline this new low saturation 60V NPN transistor offers extremely low on state losses making it ideal for use in DC-DC circuits and various driving and power management functions.

FEATURES
• Extremely low equivalent on-resistance; RSAT = 30mV at 6A
• 5 amps continuous current
• Up to 20 amps peak current
• Very low saturation voltages
• Excellent hFE characteristics up to 10 amps

APPLICATIONS
• Emergency lighting circuits
• Motor driving (including DC fans)
• Solenoid, relay and actuator drivers
• DC-DC modules
• Backlight inverters
• Power switches
• MOSFET gate drivers




Similar Part No. - ZXTN2010Z

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN2010Z DIODES-ZXTN2010Z Datasheet
147Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2010ZTA DIODES-ZXTN2010ZTA Datasheet
147Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2010Z DIODES-ZXTN2010Z_15 Datasheet
202Kb / 7P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
More results


Similar Description - ZXTN2010Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T851Z ZETEX-ZX5T851Z Datasheet
126Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zhaoxingwei Electronics...
ZX5T852Z ZHAOXINGWEI-ZX5T852Z Datasheet
235Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2010Z DIODES-ZXTN2010Z Datasheet
147Kb / 6P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2010Z DIODES-ZXTN2010Z_15 Datasheet
202Kb / 7P
   60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZXTP2012Z ZETEX-ZXTP2012Z Datasheet
122Kb / 6P
   60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2012Z DIODES-ZXTP2012Z_15 Datasheet
243Kb / 7P
   60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZX5T951Z ZETEX-ZX5T951Z Datasheet
126Kb / 6P
   60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zhaoxingwei Electronics...
ZX5T854Z ZHAOXINGWEI-ZX5T854Z Datasheet
247Kb / 6P
   60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2012Z DIODES-ZXTP2012Z Datasheet
131Kb / 6P
   60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2007Z DIODES-ZXTN2007Z Datasheet
141Kb / 6P
   30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com