Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5200OTU Datasheet (PDF) - ON Semiconductor

2SC5200OTU Datasheet PDF - ON Semiconductor
Part # 2SC5200OTU
Download  2SC5200OTU Download

File Size   238.11 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description NPN Epitaxial Silicon Transistor

2SC5200OTU Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5200OTU Datasheet PDF - ON Semiconductor

Part # 2SC5200OTU
Download  2SC5200OTU Click to download

File Size   238.11 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description NPN Epitaxial Silicon Transistor

2SC5200OTU Datasheet (HTML) - ON Semiconductor

2SC5200OTU Datasheet HTML 1Page - ON Semiconductor 2SC5200OTU Datasheet HTML 2Page - ON Semiconductor 2SC5200OTU Datasheet HTML 3Page - ON Semiconductor 2SC5200OTU Datasheet HTML 4Page - ON Semiconductor 2SC5200OTU Datasheet HTML 5Page - ON Semiconductor 2SC5200OTU Datasheet HTML 6Page - ON Semiconductor 2SC5200OTU Datasheet HTML 7Page - ON Semiconductor

2SC5200OTU Product details

Features
• High Current Capability: IC = 17A.
• High Power Dissipation : 150watts.
• High Frequency : 30MHz.
• High Voltage : VCEO=250V
• Wide S.O.A for reliable operation.
• Excellent Gain Linearity for low THD.
• Complement to 2SA1943/FJL4215.
• Thermal and electrical Spice models are available.
• Same transistor is also available in:
   -- TO3P package, 2SC5242/FJA4313 : 130 watts
   -- TO220 package, FJP5200 : 80 watts
   -- TO220F package, FJPF5200 : 50 watts

Applications
• High-Fidelity Audio Output Amplifier
• General Purpose Power Amplifier




Similar Part No. - 2SC5200OTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2SC5200OTU FAIRCHILD-2SC5200OTU Datasheet
205Kb / 6P
   NPN Epitaxial Silicon Transistor
More results


Similar Description - 2SC5200OTU

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com