Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F2480E/PT Datasheet (PDF) - Microchip Technology

PIC18F2480E/PT Datasheet PDF - Microchip Technology
Part # PIC18F2480E/PT
Download  PIC18F2480E/PT Download

File Size   8617.63 Kbytes
Page   484 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology

PIC18F2480E/PT Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC18F2480E/PT Datasheet PDF - Microchip Technology

Part # PIC18F2480E/PT
Download  PIC18F2480E/PT Click to download

File Size   8617.63 Kbytes
Page   484 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology

PIC18F2480E/PT Datasheet (HTML) - Microchip Technology

Back Button PIC18F2480E/PT Datasheet HTML 1Page - Microchip Technology PIC18F2480E/PT Datasheet HTML 2Page - Microchip Technology PIC18F2480E/PT Datasheet HTML 3Page - Microchip Technology PIC18F2480E/PT Datasheet HTML 4Page - Microchip Technology PIC18F2480E/PT Datasheet HTML 5Page - Microchip Technology PIC18F2480E/PT Datasheet HTML 6Page - Microchip Technology PIC18F2480E/PT Datasheet HTML 7Page - Microchip Technology PIC18F2480E/PT Datasheet HTML 8Page - Microchip Technology PIC18F2480E/PT Datasheet HTML 9Page - Microchip Technology PIC18F2480E/PT Datasheet HTML 10Page - Microchip Technology Next Button 

PIC18F2480E/PT Product details

DEVICE OVERVIEW

This document contains device specific information for the following devices:

   • PIC18F2480

   • PIC18F2580

   • PIC18F4480

   • PIC18F4580

This family of devices offers the advantages of all PIC18 microcontrollers – namely, high computational performance at an economical price – with the addition of high-endurance, Enhanced Flash program memory. In addition to these features, the PIC18F2480/2580/4480/4580 family introduces design enhancements that make these microcontrollers a logical choice for many high-performance, power sensitive applications.



Power Managed Modes:

• Run: CPU on, peripherals on

• Idle: CPU off, peripherals on

• Sleep: CPU off, peripherals off

• Idle mode currents down to 5.8 µA typical

• Sleep mode current down to 0.1 µA typical

• Timer1 Oscillator: 1.1 µA, 32 kHz, 2V

• Watchdog Timer: 2.1 µA

• Two-Speed Oscillator Start-up



Flexible Oscillator Structure:

• Four Crystal modes, up to 40 MHz

• 4X Phase Lock Loop (PLL) – available for crystal and internal oscillators)

• Two External RC modes, up to 4 MHz

• Two External Clock modes, up to 40 MHz

• Internal oscillator block:

   - 8 user selectable frequencies, from 31 kHz to 8 MHz

   - Provides a complete range of clock speeds, from 31 kHz to 32 MHz when used with PLL

   - User tunable to compensate for frequency drift

• Secondary oscillator using Timer1 @ 32 kHz

• Fail-Safe Clock Monitor

   - Allows for safe shutdown if peripheral clock stops

  

Special Microcontroller Features:

• C compiler optimized architecture with optional extended instruction set

• 100,000 erase/write cycle Enhanced Flash program memory typical

• 1,000,000 erase/write cycle Data EEPROM memory typical

• Flash/Data EEPROM Retention: > 40 years

• Self-programmable under software control

• Priority levels for interrupts

• 8 x 8 Single Cycle Hardware Multiplier

• Extended Watchdog Timer (WDT):

   - Programmable period from 41 ms to 131s

• Single-Supply 5V In-Circuit Serial

   Programming™ (ICSP™) via two pins

• In-Circuit Debug (ICD) via two pins

• Wide operating voltage range: 2.0V to 5.5V



Peripheral Highlights:

• High current sink/source 25 mA/25 mA

• Three external interrupts

• One Capture/Compare/PWM (CCP) module

• Enhanced Capture/Compare/PWM (ECCP) module (40/44-pin devices only):

   - One, two or four PWM outputs

   - Selectable polarity

   - Programmable dead time

   - Auto-Shutdown and Auto-Restart

• Master Synchronous Serial Port (MSSP) module supporting 3-wire SPI™ (all 4 modes) and I2C™ Master and Slave modes

• Enhanced Addressable USART module

   - Supports RS-485, RS-232 and LIN 1.3

   - RS-232 operation using internal oscillator block (no external crystal required)

   - Auto-Wake-up on Start bit

   - Auto-Baud detect

• 10-bit, up to 11-channel Analog-to-Digital Converter module (A/D), up to 100 Ksps

   - Auto-acquisition capability

   - Conversion available during Sleep

• Dual analog comparators with input multiplexing



ECAN Module Features:

• Message bit rates up to 1 Mbps

• Conforms to CAN 2.0B ACTIVE Specification

• Fully backward compatible with PIC18XXX8 CAN modules

• Three modes of operation:

   - Legacy, Enhanced Legacy, FIFO

• Three dedicated transmit buffers with prioritization

• Two dedicated receive buffers

• Six programmable receive/transmit buffers

• Three full 29-bit acceptance masks

• 16 full 29-bit acceptance filters w/ dynamic association

• DeviceNet™ data byte filter support

• Automatic remote frame handling

• Advanced error management features



 




Similar Part No. - PIC18F2480E/PT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2480 MICROCHIP-PIC18F2480 Datasheet
8Mb / 483P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2007
PIC18F2480 MICROCHIP-PIC18F2480 Datasheet
8Mb / 490P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2009
PIC18F2480-E/ML MICROCHIP-PIC18F2480-E/ML Datasheet
8Mb / 490P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2009
PIC18F2480-E/P MICROCHIP-PIC18F2480-E/P Datasheet
8Mb / 490P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2009
PIC18F2480-E/PT MICROCHIP-PIC18F2480-E/PT Datasheet
8Mb / 490P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2009
More results


Similar Description - PIC18F2480E/PT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2585-I MICROCHIP-PIC18F2585-I Datasheet
8Mb / 482P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F4685-E MICROCHIP-PIC18F4685-E Datasheet
5Mb / 484P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F2480 MICROCHIP-PIC18F2480_07 Datasheet
8Mb / 483P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2007
PIC18F4680-E MICROCHIP-PIC18F4680-E Datasheet
5Mb / 482P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F4680-I MICROCHIP-PIC18F4680-I Datasheet
5Mb / 482P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F2682 MICROCHIP-PIC18F2682 Datasheet
8Mb / 484P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2007
PIC18F2480 MICROCHIP-PIC18F2480_09 Datasheet
8Mb / 490P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2009
PIC18F2420 MICROCHIP-PIC18F2420 Datasheet
6Mb / 390P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2420 MICROCHIP-PIC18F2420_08 Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18F2620-ISO MICROCHIP-PIC18F2620-ISO Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com