Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A2580SLW Datasheet (PDF) - Allegro MicroSystems

A2580SLW Datasheet PDF - Allegro MicroSystems
Part # A2580SLW
Download  A2580SLW Download

File Size   175.44 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 8-CHANNEL SOURCE DRIVERS

A2580SLW Datasheet (PDF)

Go To PDF Page Download Datasheet
A2580SLW Datasheet PDF - Allegro MicroSystems

Part # A2580SLW
Download  A2580SLW Click to download

File Size   175.44 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 8-CHANNEL SOURCE DRIVERS

A2580SLW Datasheet (HTML) - Allegro MicroSystems

Back Button A2580SLW Datasheet HTML 1Page - Allegro MicroSystems A2580SLW Datasheet HTML 2Page - Allegro MicroSystems A2580SLW Datasheet HTML 3Page - Allegro MicroSystems A2580SLW Datasheet HTML 4Page - Allegro MicroSystems A2580SLW Datasheet HTML 5Page - Allegro MicroSystems A2580SLW Datasheet HTML 6Page - Allegro MicroSystems A2580SLW Datasheet HTML 7Page - Allegro MicroSystems A2580SLW Datasheet HTML 8Page - Allegro MicroSystems A2580SLW Datasheet HTML 9Page - Allegro MicroSystems A2580SLW Datasheet HTML 10Page - Allegro MicroSystems Next Button 

A2580SLW Product details

This versatile family of integrated circuits will work with many combinations of logic- and load-voltage levels, meeting interface requirements beyond the capabilities of standard logic buffers. Series UDN2580A and A2580SLW source drivers can drive incandescent, LED, or vacuum fluorescent displays. Internal transient-suppression diodes permit the drivers to be used with inductive loads such as relays, solenoids, dc and stepping motors, and magnetic print hammers.
The Types UDN2580A and A2580SLW are high-current source drivers used to switch the ground ends of loads that are directly connected to a -50 V supply. Typical loads are telephone relays, PIN diodes, and LEDs.
The UDN2585A and A2585SLW are drivers designed for applications requiring low output saturation voltages. Typical loads are low-voltage LEDs and incandescent displays. The eight non-Darlington, 25 V outputs will simultaneously sustain continuous load currents of -120 mA at ambient temperatures to +70°C.
The UDN2588A and A2588SLW have separate logic and driver supply lines. Their eight drivers can serve as an interface between positive logic (TTL, CMOS, PMOS) or negative logic (NMOS) and either negative or split load supplies to -80 V.
These drivers are packaged in plastic DlPs (suffix A) or surface-mount able wide-body SOlCs (suffix LW), and are rated for operation over the temperature range of -20°C to +85°C

FEATURES
■ TTL, CMOS, PMOS, NMOS Compatible
■ High Output-Current Rating
■ Internal Transient Suppression
■ Efficient Input/Output Structure
■ Through-Hole and Surface-Mount Packages




Similar Part No. - A2580SLW

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A2580PM-F AMICC-A2580PM-F Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A2580PN-F AMICC-A2580PN-F Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A2580PQ-F AMICC-A2580PQ-F Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
More results


Similar Description - A2580SLW

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UDN2982 ALLEGRO-UDN2982 Datasheet
351Kb / 8P
   8-Channel Source Drivers
2981 ALLEGRO-2981_07 Datasheet
718Kb / 11P
   8-CHANNEL SOURCE DRIVERS
A2981 ALLEGRO-A2981 Datasheet
277Kb / 10P
   8-CHANNEL SOURCE DRIVERS
UDN2983 ALLEGRO-UDN2983 Datasheet
180Kb / 10P
   (UDN2981 - UDN2984) 8-CHANNEL SOURCE DRIVERS
2000
5815 ALLEGRO-5815 Datasheet
157Kb / 6P
   BiMOS II 8-BIT LATCHED SOURCE DRIVERS
A2982 ALLEGRO-A2982 Datasheet
313Kb / 8P
   8-Channel Source Driver
2985 ALLEGRO-2985 Datasheet
145Kb / 4P
   8-CHANNEL SOURCE DRIVER
logo
Analog Intergrations Co...
AIC2803 AIC-AIC2803 Datasheet
52Kb / 5P
   8-CHANNEL DARLINGTON DRIVERS
logo
List of Unclassifed Man...
UDN-6510A ETC1-UDN-6510A Datasheet
162Kb / 3P
   HIGH-VOLTAGE SOURCE DRIVERS
logo
Allegro MicroSystems
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
   BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com