![]() |
Electronic Components Datasheet Search |
|
C0603C223J5RECTU Datasheet (PDF) - Kemet Corporation |
C0603C223J5RECTU Datasheet (HTML) - Kemet Corporation |
C0603C223J5RECTU Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | C0603C223J5RECTU |
Download | C0603C223J5RECTU Click to view |
File Size | 62.84 Kbytes |
Page | 1 Pages |
Maker | KEMET [Kemet Corporation] |
Homepage | http://www.kemet.com |
Logo | |
Description | ESD SMD Comm X7R, Ceramic, Electro Static Discharge, 0.022 uF, 5%, 50 VDC, X7R, SMD, MLCC, Temperature Stable, Electro Static Discharge, Class II, 0603 |
Datasheet Page |
1 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |