Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OL5207L-5-A10 Datasheet (PDF) - OKI electronic componets

OL5207L-5-A10 Datasheet PDF - OKI electronic componets
Part # OL5207L-5-A10
Download  OL5207L-5-A10 Download

File Size   63.46 Kbytes
Page   8 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Service Channel DFB Laser Module (1510 nm, 5 mW)

OL5207L-5-A10 Datasheet (PDF)

Go To PDF Page Download Datasheet
OL5207L-5-A10 Datasheet PDF - OKI electronic componets

Part # OL5207L-5-A10
Download  OL5207L-5-A10 Click to download

File Size   63.46 Kbytes
Page   8 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Service Channel DFB Laser Module (1510 nm, 5 mW)

OL5207L-5-A10 Datasheet (HTML) - OKI electronic componets

OL5207L-5-A10 Datasheet HTML 1Page - OKI electronic componets OL5207L-5-A10 Datasheet HTML 2Page - OKI electronic componets OL5207L-5-A10 Datasheet HTML 3Page - OKI electronic componets OL5207L-5-A10 Datasheet HTML 4Page - OKI electronic componets OL5207L-5-A10 Datasheet HTML 5Page - OKI electronic componets OL5207L-5-A10 Datasheet HTML 6Page - OKI electronic componets OL5207L-5-A10 Datasheet HTML 7Page - OKI electronic componets OL5207L-5-A10 Datasheet HTML 8Page - OKI electronic componets

OL5207L-5-A10 Product details

INTRODUCTION
Oki Semiconductor’s OL5207L-5-A10 dual in-line package service channel laser diode module features a cooled 1510-nm DFB laser module coupled to a single-mode fiber. The OL5207L-5-A10 has a built-in isolator, thermistor, and thermoelectric cooler and is equipped with a monitor photodiode.

FEATURES
• 1510-nm DFB Laser
• Single-mode fiber
• Built-in thermoelectric cooler
• 5-mW fiber output power
• Includes photodiode for power monitoring
• 14-pin Dil package

APPLICATIONS
• DWDM/WDM systems service channel
• Cross connect systems
• Service channel
• Telemetry systems
• Fiber-optic test instrumentation




Similar Part No. - OL5207L-5-A10

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL5200N OKI-OL5200N Datasheet
44Kb / 3P
   1.55 關m Laser-Diode DIP Module
OL5200N-5 OKI-OL5200N-5 Datasheet
44Kb / 3P
   1.55 關m Laser Diode DIP Module
OL5201N-25 OKI-OL5201N-25 Datasheet
49Kb / 4P
   1.55 關m High-Power Laser-Diode DIP Module
OL5204N-25 OKI-OL5204N-25 Datasheet
49Kb / 4P
   1.55 關m High-Power Laser-Diode DIP Module
OL5204N-50 OKI-OL5204N-50 Datasheet
45Kb / 3P
   1.55 mm High-Power DIP Module with 9mm Profile
More results


Similar Description - OL5207L-5-A10

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL6201N-5-A10 OKI-OL6201N-5-A10 Datasheet
61Kb / 8P
   Service Channel FP Laser Module (1625 nm, 5 mW)
OL4201N OKI-OL4201N Datasheet
61Kb / 8P
   Service Channel FP Laser Module (1480 nm, 1 mW)
logo
Ericsson
PGT20130 ERICSSON-PGT20130 Datasheet
828Kb / 4P
   1510 nm DFB Laser for Supervisory Channel Applications
logo
Optoway Technology Inc
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
   1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
   1310 nm DFB Laser Module
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
   1310 nm DFB Laser Module
1751A EMCORE-1751A Datasheet
658Kb / 6P
   1550 nm DWDM DFB Laser Module
1688 EMCORE-1688 Datasheet
753Kb / 5P
   1688 1310 nm DFB Laser Module
1615A EMCORE-1615A Datasheet
648Kb / 4P
   1615A 1310 nm DFB Laser Module
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com