Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC61LV256 Datasheet (PDF) - Integrated Circuit Solution Inc

IC61LV256 Datasheet PDF - Integrated Circuit Solution Inc
Part # IC61LV256
Download  IC61LV256 Download

File Size   122.97 Kbytes
Page   9 Pages
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc
Description 32K x 8 Hight Speed SRAM with 3.3V

IC61LV256 Datasheet (PDF)

Go To PDF Page Download Datasheet
IC61LV256 Datasheet PDF - Integrated Circuit Solution Inc

Part # IC61LV256
Download  IC61LV256 Click to download

File Size   122.97 Kbytes
Page   9 Pages
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc
Description 32K x 8 Hight Speed SRAM with 3.3V

IC61LV256 Datasheet (HTML) - Integrated Circuit Solution Inc

IC61LV256 Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61LV256 Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61LV256 Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61LV256 Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61LV256 Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61LV256 Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61LV256 Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61LV256 Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61LV256 Datasheet HTML 9Page - Integrated Circuit Solution Inc

IC61LV256 Product details

DESCRIPTION
The ICSI IC61LV256 is a very high-speed, low power, 32,768-word by 8-bit static RAM. It is fabricated using ICSIs high-performance CMOS technology. This highly reliable process coupled with innovative circuit design techniques, yields access times as fast as 8 ns maximum.
When CE is HIGH (deselected), the device assumes a standby mode at which the power dissipation is reduced to 600 µW (typical) with CMOS input levels.
Easy memory expansion is provided by using an active LOW Chip Enable (CE). The active LOW Write Enable (WE) controls both writing and reading of the memory.
The IC61LV256 is available in the JEDEC standard 28-pin, 300mil SOJ and the 8*13.4mm TSOP-1 package.

FEATURES
• High-speed access times:
   -- 8, 10, 12, 15 ns
• Automatic power-down when chip is deselected
• CMOS low power operation
   -- 345 mW (max.) operating
   -- 7 mW (max.) CMOS standby
• TTL compatible interface levels
• Single 3.3V power supply
• Fully static operation: no clock or refresh required
• Three-state outputs




Similar Part No. - IC61LV256

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV25616 ICSI-IC61LV25616 Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IC61LV25616-10B ICSI-IC61LV25616-10B Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IC61LV25616-10BI ICSI-IC61LV25616-10BI Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IC61LV25616-10K ICSI-IC61LV25616-10K Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IC61LV25616-10KI ICSI-IC61LV25616-10KI Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Similar Description - IC61LV256

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV2568 ICSI-IC61LV2568 Datasheet
252Kb / 9P
   256K x 8 Hight Speed SRAM with 3.3V
IC61LV6416 ICSI-IC61LV6416 Datasheet
95Kb / 9P
   64K x 16 Hight Speed SRAM with 3.3V
IC61LV12816 ICSI-IC61LV12816 Datasheet
150Kb / 13P
   128K x 16 Hight Speed SRAM with 3.3V
IC62LV256 ICSI-IC62LV256 Datasheet
88Kb / 9P
   32K x 8 Low Power SRAM with 3.3V
IC62LV256L ICSI-IC62LV256L Datasheet
110Kb / 9P
   32K x 8 Low Power SRAM with 3.3V
logo
List of Unclassifed Man...
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY65W256 LYONTEK-LY65W256_12 Datasheet
328Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY61L256 LYONTEK-LY61L256 Datasheet
165Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT6164B ETC1-UT6164B Datasheet
163Kb / 9P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com