Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM7702-02 Datasheet (PDF) - OKI electronic componets

MSM7702-02 Datasheet PDF - OKI electronic componets
Part # MSM7702-02
Download  MSM7702-02 Download

File Size   129.78 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Single Rail CODEC

MSM7702-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7702-02 Datasheet PDF - OKI electronic componets

Part # MSM7702-02
Download  MSM7702-02 Click to download

File Size   129.78 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Single Rail CODEC

MSM7702-02 Datasheet (HTML) - OKI electronic componets

Back Button MSM7702-02 Datasheet HTML 1Page - OKI electronic componets MSM7702-02 Datasheet HTML 2Page - OKI electronic componets MSM7702-02 Datasheet HTML 3Page - OKI electronic componets MSM7702-02 Datasheet HTML 4Page - OKI electronic componets MSM7702-02 Datasheet HTML 5Page - OKI electronic componets MSM7702-02 Datasheet HTML 6Page - OKI electronic componets MSM7702-02 Datasheet HTML 7Page - OKI electronic componets MSM7702-02 Datasheet HTML 8Page - OKI electronic componets MSM7702-02 Datasheet HTML 9Page - OKI electronic componets MSM7702-02 Datasheet HTML 10Page - OKI electronic componets Next Button 

MSM7702-02 Product details

GENERAL DESCRIPTION
The MSM7702 is a single-channel CODEC CMOS IC for voice signals ranging from 300 to 3400 Hz with filters for A/D and D/A conversion.
Designed especially for a single-power supply and low-power applications, the device is optimized for telephone terminals in digital wireless systems or ISDN systems.
The MSM7702 utilizes low-voltage operational amplifiers (Op-amps) to provide low-power consumption.
The device uses the same transmission clocks as those used in the MSM7508B and MSM7509B.
The analog output signal can directly drive a piezoelectric type handset receiver.

FEATURES
• Single power supply: +2.7 V to +3.8 V
• Low power consumption
    Operating mode: 15 mW Typ. VDD = 3 V
    Power save mode: 3.6 mW Typ. VDD = 3 V
    Power down mode: 0.05 mW Typ. VDD = 3 V
• ITU-T Companding law
    MSM7702-01: m/A-law pin selectable
    MSM7702-02: m-law
    MSM7702-03: A-law
• Built-in PLL eliminates a master clock
• Serial data rate: 64/128/256/512/1024/2048 kHz
                             96/192/384/768/1536/1544/200 kHz
• Adjustable transmit gain
• Built-in reference voltage supply
• Analog output can directly drive a load equivalent to 1.2 kW
• Pin-for-pin compatible with the MSM7578 and MSM7579
• Package options:
    24-pin plastic SOP (SOP24-P-430-1.27-K) (Product name : MSM7702-01GS-K)
                                                                        (Product name : MSM7702-02GS-K)
                                                                        (Product name : MSM7702-03GS-K)
    20-pin plastic SSOP (SSOP20-P-250-0.95-K) (Product name : MSM7702-01MS-K)
                                                                            (Product name : MSM7702-02MS-K)
                                                                            (Product name : MSM7702-03MS-K)




Similar Part No. - MSM7702-02

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7704 OKI-MSM7704 Datasheet
123Kb / 17P
   2ch Single Rail CODEC
MSM7704-01 OKI-MSM7704-01 Datasheet
123Kb / 17P
   2ch Single Rail CODEC
logo
List of Unclassifed Man...
MSM7704-01 ETC2-MSM7704-01 Datasheet
1Mb / 19P
   2ch Single Rail CODEC
MSM7704-01 ETC2-MSM7704-01 Datasheet
1Mb / 19P
   2ch Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7704-01 LAPIS-MSM7704-01 Datasheet
1Mb / 19P
   2ch Single Rail CODEC
More results


Similar Description - MSM7702-02

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
   Single Rail CODEC
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
   Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
   Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
   Single Rail CODEC
MSM7578H OKI-MSM7578H Datasheet
158Kb / 18P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7717-01 OKI-MSM7717-01 Datasheet
147Kb / 19P
   Single Rail CODEC
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com