Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41C1665 Datasheet (PDF) - Integrated Circuit Solution Inc

IC41C1665 Datasheet PDF - Integrated Circuit Solution Inc
Part # IC41C1665
Download  IC41C1665 Download

File Size   388.59 Kbytes
Page   19 Pages
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc
Description 64K x16 bit Dynamic RAM with Fast Page Mode

IC41C1665 Datasheet (PDF)

Go To PDF Page Download Datasheet
IC41C1665 Datasheet PDF - Integrated Circuit Solution Inc

Part # IC41C1665
Download  IC41C1665 Click to download

File Size   388.59 Kbytes
Page   19 Pages
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc
Description 64K x16 bit Dynamic RAM with Fast Page Mode

IC41C1665 Datasheet (HTML) - Integrated Circuit Solution Inc

Back Button IC41C1665 Datasheet HTML 1Page - Integrated Circuit Solution Inc IC41C1665 Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41C1665 Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41C1665 Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41C1665 Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41C1665 Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41C1665 Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41C1665 Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41C1665 Datasheet HTML 9Page - Integrated Circuit Solution Inc IC41C1665 Datasheet HTML 10Page - Integrated Circuit Solution Inc Next Button 

IC41C1665 Product details

DESCRIPTION
The ICSI IC41C1665 and the IC41LV1665 are 65,536 x 16- bit high-performance CMOS Dynamic Random Access Memory. Fast Page Mode allows 256 random accesses within a single row with access cycle time as short as 12 ns per 16-bit word. The Byte Write control, of upper and lower byte, makes these devices ideal for use in 16-, 32-bit wide data bus systems.

FEATURES
• Fast access and cycle time
• TTL compatible inputs and outputs
• Refresh Interval: 256 cycles/4 ms
• Refresh Mode: RAS-Only, CAS-before-RAS (CBR), Hidden
• JEDEC standard pinout
• Single power supply:
    — 5V ± 10% (IC41C1665)
    — 3.3V ± 10% (IC41LV1665)
• Byte Write and Byte Read operation via two CAS
• Available in 40-pin SOJ and TSOP-2




Similar Part No. - IC41C1665

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C1664-25K ICSI-IC41C1664-25K Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C1664-25KI ICSI-IC41C1664-25KI Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C1664-25T ICSI-IC41C1664-25T Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C1664-25TI ICSI-IC41C1664-25TI Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
More results


Similar Description - IC41C1665

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM4164B SAMSUNG-KM4164B Datasheet
653Kb / 11P
   64K X 1 BIT DYNAMIC RAM WITH PAGE MODE
KM41464A SAMSUNG-KM41464A Datasheet
775Kb / 12P
   64K X 4 BIT DYNAMIC RAM WITH PAGE MODE
logo
Taiwan Memory Technolog...
T221160A TMT-T221160A Datasheet
134Kb / 14P
   64K x 16 DYNAMIC RAM FAST PAGE MODE
logo
List of Unclassifed Man...
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
GLT41316 ETC-GLT41316 Datasheet
1Mb / 22P
   64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
AMIC Technology
A416316B AMICC-A416316B Datasheet
418Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41SV4105 ICSI-IC41SV4105 Datasheet
300Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41SV44052 ICSI-IC41SV44052 Datasheet
298Kb / 17P
   4Mx4 bit Dynamic RAM with Fast Page Mode
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C44054 ICSI-IC41C44054 Datasheet
309Kb / 18P
   4Mx4 bit Dynamic RAM with Fast Page Mode
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com