Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM6782-01 Datasheet (PDF) - OKI electronic componets

MSM6782-01 Datasheet PDF - OKI electronic componets
Part No. MSM6782-01
Download  MSM6782-01 Click to view

File Size   88.4 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description REAL TIME CLOCK

MSM6782-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6782-01 Datasheet PDF - OKI electronic componets

Part No. MSM6782-01
Download  MSM6782-01 Click to view

File Size   88.4 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description REAL TIME CLOCK

MSM6782-01 Datasheet (HTML) - OKI electronic componets

Back Button MSM6782-01 Datasheet HTML 1Page - OKI electronic componets MSM6782-01 Datasheet HTML 2Page - OKI electronic componets MSM6782-01 Datasheet HTML 3Page - OKI electronic componets MSM6782-01 Datasheet HTML 4Page - OKI electronic componets MSM6782-01 Datasheet HTML 5Page - OKI electronic componets MSM6782-01 Datasheet HTML 6Page - OKI electronic componets MSM6782-01 Datasheet HTML 7Page - OKI electronic componets MSM6782-01 Datasheet HTML 8Page - OKI electronic componets MSM6782-01 Datasheet HTML 9Page - OKI electronic componets MSM6782-01 Datasheet HTML 10Page - OKI electronic componets Next Button 

MSM6782-01 Product details

GENERAL DESCRIPTION

The MSM6782 - 01 is a CMOS Serial Interface Real Time Clock/Calendar. The serial interface that can be controlled by mere 3 signal lines has minimized the number of CPU terminals required .



The MSM6782 - 01 provides 30-second adjustment, oscillation stop detection, and periodic flag

setting and signal output in 4 diferent cycle periods.The clock ranges are seconds, minutes, hours, days, months, years, and days of the week.





The interface supply voltage is 2.7V to 5.5V and the clock supply voltage is 2.0V to 5.5V.



The MSM6782 - 01 comes in an 8-pin DIP package or an 8-pin SOP package.



The MSM6782 - 01 is highly integrated and is suitable for use in a variety of portable applications.



FEATURES

• Real time clock providing seconds, minutes, hours, days, months, and days of the week.

• Serial interface controlled by 3 signal lines

• A periodic interrupt output in 4 different cycle periods (or periodic waveform output)

• Automatic leap year calendar

• 30-second adjustment controlled by software

• Stop and restart of clock

• Wide range of interface power supply:  2.7V to 5.5V

• Wide range of clock power supply: 2.0V to 5.5V

• 32.768kHz external quart crystal

• Low current consumption

• 8-pin plastic DIP (DIP8-P-300) (MSM6782-01RS)

• 8-pin plastic SOP (SOP8-P-250-K) (MSM6782-01MS-K)



Similar Part No. - MSM6782-01

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSM6786 OKI-MSM6786 Datasheet
192Kb / 17P
   1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 29-DOT SEGMENT DRIVER
MSM6789 OKI-MSM6789 Datasheet
813Kb / 53P
   SBC Solid-State Recorder IC
MSM6789A OKI-MSM6789A Datasheet
813Kb / 53P
   SBC Solid-State Recorder IC
MSM6789L OKI-MSM6789L Datasheet
813Kb / 53P
   SBC Solid-State Recorder IC
More results

Similar Description - MSM6782-01

ManufacturerPart No.DatasheetDescription
Epson ToYoCom
Epson ToYoCom
RTC-8593SA EPSONTOYOCOM-RTC-8593SA Datasheet
377Kb / 2P
   Real time clock
RTC-64613 EPSONTOYOCOM-RTC-64613 Datasheet
440Kb / 2P
   Real time clock
Golledge Electronics Ltd
Golledge Electronics Lt...
RV8564C2 GOLLEDGE-RV8564C2_08 Datasheet
55Kb / 1P
   Real Time Clock
Dallas Semiconductor
Dallas Semiconductor
DS12887 DALLAS-DS12887 Datasheet
584Kb / 19P
   Real Time Clock
DS12B887 DALLAS-DS12B887 Datasheet
102Kb / 16P
   Real Time Clock
List of Unclassifed Manufacturers
List of Unclassifed Man...
VT82885 ETC-VT82885 Datasheet
72Kb / 16P
   Real Time Clock
Golledge Electronics Ltd
Golledge Electronics Lt...
RV4162C7 GOLLEDGE-RV4162C7 Datasheet
135Kb / 1P
   Real Time Clock
Seiko Instruments Inc
Seiko Instruments Inc
S-3511A SII-S-3511A Datasheet
1Mb / 28P
   REAL-TIME CLOCK
List of Unclassifed Manufacturers
List of Unclassifed Man...
TC8250P ETC-TC8250P Datasheet
412Kb / 20P
   Real time clock
RICOH electronics devices division
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz