Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM41464A Datasheet (PDF) - Samsung semiconductor

KM41464A Datasheet PDF - Samsung semiconductor
Part # KM41464A
Download  KM41464A Download
File Size   775.22 Kbytes
Page   12 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 64K X 4 BIT DYNAMIC RAM WITH PAGE MODE

KM41464A Datasheet (PDF)

Go To PDF Page Download Datasheet
KM41464A Datasheet PDF - Samsung semiconductor

Part # KM41464A
Download  KM41464A Click to download

File Size   775.22 Kbytes
Page   12 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 64K X 4 BIT DYNAMIC RAM WITH PAGE MODE

KM41464A Datasheet (HTML) - Samsung semiconductor


KM41464A Product details

GENERAL DESCRIPTION
The KM41464A is a fully decoded 65,536 x 4 NMOS Dynamic Random Access Memory. The design is optimized for high speed, high performance applications such as computer memory, buffer memory, peripheral storage and environments where low power dissipation and compact layout are required.




Similar Part No. - KM41464A

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
KM41 ASHCROFT-KM41 Datasheet
320Kb / 1P
KM41, KM45 OEM Pressure Transducers
RevD_11-16-22
logo
List of Unclassifed Man...
KM410 ETC-KM410 Datasheet
174Kb / 1P
Accessoriesa
logo
Fairchild Semiconductor
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4100IC8 FAIRCHILD-KM4100IC8 Datasheet
333Kb / 11P
Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4100IC8TR3 FAIRCHILD-KM4100IC8TR3 Datasheet
333Kb / 11P
Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
More results


Similar Description - KM41464A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM4164B SAMSUNG-KM4164B Datasheet
653Kb / 11P
64K X 1 BIT DYNAMIC RAM WITH PAGE MODE
logo
Integrated Circuit Solu...
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C1665 ICSI-IC41C1665 Datasheet
388Kb / 19P
64K x16 bit Dynamic RAM with Fast Page Mode
logo
Taiwan Memory Technolog...
T221160A TMT-T221160A Datasheet
134Kb / 14P
64K x 16 DYNAMIC RAM FAST PAGE MODE
logo
List of Unclassifed Man...
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
64k x 16 CMOS Dynamic RAM with Fast Page Mode
GLT41316 ETC-GLT41316 Datasheet
1Mb / 22P
64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
AMIC Technology
A426316B AMICC-A426316B Datasheet
419Kb / 25P
64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A416316B AMICC-A416316B Datasheet
418Kb / 25P
64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Samsung semiconductor
KM44C256C SAMSUNG-KM44C256C Datasheet
1Mb / 17P
256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
KM44C256A SAMSUNG-KM44C256A Datasheet
581Kb / 15P
256 x 4 Bit CMOS Dynamic RAM with Fast Page Mode
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com