![]() |
Electronic Components Datasheet Search |
|
P004-004-RD Datasheet (PDF) - Tripp Lite. All Rights Reserved |
P004-004-RD Datasheet (HTML) - Tripp Lite. All Rights Reserved |
P004-004-RD Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | P004-004-RD |
Download | P004-004-RD Click to view |
File Size | 166.93 Kbytes |
Page | 2 Pages |
Maker | TRIPPLITE [Tripp Lite. All Rights Reserved] |
Homepage | http://www.tripplite.com/ |
Logo | |
Description | C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 100–250V, 18 AWG, 4 ft., Red |
Datasheet Page |
1 2 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |