Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH5168D-80L Datasheet (PDF) - Sharp Corporation

LH5168D-80L Datasheet PDF - Sharp Corporation
Part # LH5168D-80L
Download  LH5168D-80L Download

File Size   421.67 Kbytes
Page   9 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 64K (8LX8) STATIC RAM

LH5168D-80L Datasheet (PDF)

Go To PDF Page Download Datasheet
LH5168D-80L Datasheet PDF - Sharp Corporation

Part # LH5168D-80L
Download  LH5168D-80L Click to download

File Size   421.67 Kbytes
Page   9 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 64K (8LX8) STATIC RAM

LH5168D-80L Datasheet (HTML) - Sharp Corporation

LH5168D-80L Datasheet HTML 1Page - Sharp Corporation LH5168D-80L Datasheet HTML 2Page - Sharp Corporation LH5168D-80L Datasheet HTML 3Page - Sharp Corporation LH5168D-80L Datasheet HTML 4Page - Sharp Corporation LH5168D-80L Datasheet HTML 5Page - Sharp Corporation LH5168D-80L Datasheet HTML 6Page - Sharp Corporation LH5168D-80L Datasheet HTML 7Page - Sharp Corporation LH5168D-80L Datasheet HTML 8Page - Sharp Corporation LH5168D-80L Datasheet HTML 9Page - Sharp Corporation

LH5168D-80L Product details

DESCRIPTION
The LH5168 is a static RAM organized as 8,192 x 8 bits. It is fabricated using silicon-gate CMOS process technology.
The LH5168H is designed for wide temperature range from -40 to +85°C.




Similar Part No. - LH5168D-80L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5168V2 SHARP-LH5168V2 Datasheet
1Mb / 18P
   STATIC RAM
More results


Similar Description - LH5168D-80L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S_16 Datasheet
749Kb / 10P
   CMOS Static RAM 64K
logo
Sharp Corporation
LH521028A SHARP-LH521028A Datasheet
124Kb / 15P
   CMOS 64K x 18 Static RAM
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
   CMOS 64K X 4 STATIC RAM
LH521028 SHARP-LH521028 Datasheet
153Kb / 15P
   CMOS 64K x 18 Static RAM
LH5164A-10LF SHARP-LH5164A-10LF Datasheet
346Kb / 20P
   64K Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
logo
Winbond
W26010A WINBOND-W26010A Datasheet
158Kb / 10P
   64K 16 HIGH-SPEED CMOS STATIC RAM
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com