Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M20B Datasheet (PDF) - Fairchild Semiconductor

M20B Datasheet PDF - Fairchild Semiconductor
Part # M20B
Download  M20B Download

File Size   17.85 Kbytes
Page   1 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Package M20B

M20B Datasheet (PDF)

Go To PDF Page Download Datasheet
M20B Datasheet PDF - Fairchild Semiconductor

Part # M20B
Download  M20B Click to download

File Size   17.85 Kbytes
Page   1 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Package M20B

M20B Datasheet (HTML) - Fairchild Semiconductor

M20B Datasheet HTML 1Page - Fairchild Semiconductor

M20B Product details

General Description
These octal bus transceivers are designed for asynchronous two-way communication between data buses. The control function implementation minimizes external timing requirements. The device allows data transmission from the A Bus to the B Bus or from the B Bus to the A Bus depending upon the logic level at the direction control (DIR) input. The enable input (G) can be used to disable the device so that the buses are effectively isolated.

Features
■Bi-Directional bus transceiver in a high-density 20-pin package
■3-STATE outputs drive bus lines directly
■PNP inputs reduce DC loading on bus lines
■Hysteresis at bus inputs improve noise margins
■Typical propagation delay times, port-to-port 8 ns
■Typical enable/disable times 17 ns
■IOL(sink current) 24 mA
■IOH(source current) −15 mA



Similar Part No. - M20B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M20 STMICROELECTRONICS-M20 Datasheet
186Kb / 17P
   Ultra-low Current 2.4V precision analog temperature sensor
logo
Dc Components
M20 DCCOM-M20 Datasheet
373Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
Semtech Corporation
M20 SEMTECH-M20 Datasheet
108Kb / 3P
   RECTIFIER, up to 3kV, 330mA, 2關s
logo
Harwin Plc
M20-003 HARWIN-M20-003 Datasheet
41Kb / 1P
   LOOSE POLARISING PIN
logo
Micross Components
M20-015020-12 MICROSS-M20-015020-12 Datasheet
627Kb / 1P
   Tight Dimensional Pocket Tolerance
More results

Similar Description - M20B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MKT-M20B NSC-MKT-M20B Datasheet
44Kb / 1P
   MKT-M20B
logo
Amkor Technology
PSVFBGA AMKOR-PSVFBGA Datasheet
251Kb / 2P
   Package on Package (PoP) Family
logo
KEC(Korea Electronics)
KDV239 KEC-KDV239_08 Datasheet
349Kb / 1P
   USC PACKAGE
KDV269 KEC-KDV269_08 Datasheet
350Kb / 1P
   USC PACKAGE
KDV269E KEC-KDV269E_04 Datasheet
49Kb / 1P
   ESC PACKAGE
KDV269V KEC-KDV269V Datasheet
14Kb / 1P
   VSC PACKAGE
KDV273 KEC-KDV273_08 Datasheet
349Kb / 1P
   USC PACKAGE
KDZ11V KEC-KDZ11V_08 Datasheet
21Kb / 1P
   USC PACKAGE
KDZ110VW KEC-KDZ110VW Datasheet
21Kb / 1P
   USC PACKAGE
KDR105 KEC-KDR105_08 Datasheet
21Kb / 1P
   USM PACKAGE
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com