Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHBC24N-2R0A0219V Datasheet (PDF) - Kemet Corporation

PHBC24N-2R0A0219V Datasheet PDF - Kemet Corporation
Part # PHBC24N-2R0A0219V
Download  PHBC24N-2R0A0219V Download

File Size   118.72 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, PHBC, Choke, 219 uH, 20%

PHBC24N-2R0A0219V Datasheet (PDF)

Go To PDF Page Download Datasheet
PHBC24N-2R0A0219V Datasheet PDF - Kemet Corporation

Part # PHBC24N-2R0A0219V
Download  PHBC24N-2R0A0219V Click to download

File Size   118.72 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, PHBC, Choke, 219 uH, 20%

PHBC24N-2R0A0219V Datasheet (HTML) - Kemet Corporation

PHBC24N-2R0A0219V Datasheet HTML 1Page - Kemet Corporation



Similar Part No. - PHBC24N-2R0A0219V

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHBC24N-2R0A0219V KEMET-PHBC24N-2R0A0219V Datasheet
761Kb / 14P
   Differential Mode Coils, PHBC Series (Fe-Ni)
More results


Similar Description - PHBC24N-2R0A0219V

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHBC13-1R2A0081V KEMET-PHBC13-1R2A0081V Datasheet
119Kb / 1P
   KEMET, PHBC, Choke, 81 uH, 20%
PHBC20-1R7A0054V KEMET-PHBC20-1R7A0054V Datasheet
118Kb / 1P
   KEMET, PHBC, Choke, 54 uH, 20%
PHBC20-1R7A0152V KEMET-PHBC20-1R7A0152V Datasheet
118Kb / 1P
   KEMET, PHBC, Choke, 152 uH, 20%
PHBC12-1R0A0028V KEMET-PHBC12-1R0A0028V Datasheet
118Kb / 1P
   KEMET, PHBC, Choke, 28 uH, 20%
PHBC14-1R2A0067V KEMET-PHBC14-1R2A0067V Datasheet
118Kb / 1P
   KEMET, PHBC, Choke, 67 uH, 20%
PHBC10-0R8A0038V KEMET-PHBC10-0R8A0038V Datasheet
118Kb / 1P
   KEMET, PHBC, Choke, 38 uH, 20%
PHBC14-1R2A0187V KEMET-PHBC14-1R2A0187V Datasheet
119Kb / 1P
   KEMET, PHBC, Choke, 187 uH, 20%
PHBC10-0R8A0068V KEMET-PHBC10-0R8A0068V Datasheet
118Kb / 1P
   KEMET, PHBC, Choke, 68 uH, 20%
PHBC12-1R0A0080V KEMET-PHBC12-1R0A0080V Datasheet
118Kb / 1P
   KEMET, PHBC, Choke, 80 uH, 20%
PHBC8S-0R6A0043V KEMET-PHBC8S-0R6A0043V Datasheet
119Kb / 1P
   KEMET, PHBC, Choke, 43 uH, 20%
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com