Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TF0093C Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TF0093C Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part No. TF0093C
Download  TF0093C Click to view

File Size   516.95 Kbytes
Page   12 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW DPX 897.5/942.5MHz LET Band 8 SMD 2016 (35MHz BW)

TF0093C Datasheet (PDF)

Go To PDF Page Download Datasheet
TF0093C Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part No. TF0093C
Download  TF0093C Click to view

File Size   516.95 Kbytes
Page   12 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW DPX 897.5/942.5MHz LET Band 8 SMD 2016 (35MHz BW)

TF0093C Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

Back Button TF0093C Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TF0093C Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TF0093C Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TF0093C Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TF0093C Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TF0093C Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TF0093C Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TF0093C Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TF0093C Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD. TF0093C Datasheet HTML 10Page - TAI-SAW TECHNOLOGY CO., LTD. Next Button 


Similar Part No. - TF0093C

ManufacturerPart No.DatasheetDescription
TAI-SAW TECHNOLOGY CO., LTD.
TAI-SAW TECHNOLOGY CO.,...
TF0093A TAI-SAW-TF0093A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
More results

Similar Description - TF0093C

ManufacturerPart No.DatasheetDescription
TAI-SAW TECHNOLOGY CO., LTD.
TAI-SAW TECHNOLOGY CO.,...
TF0094A TAI-SAW-TF0094A Datasheet
1Mb / 14P
   SAW DPX 897.5/942.5MHz LTE Band 8 SMD 2016(35MHz BW)
TF0208A TAI-SAW-TF0208A Datasheet
546Kb / 13P
   SAW DPX 897.5 / 942.5MHz 35/35MHz BW Band8 SMD1.8X1.4 mm
TA1743D TAI-SAW-TA1743D Datasheet
486Kb / 8P
   SAW Rx Filter 942.5MHz LTE Band 8 SMD 1109 (35MHz BW)
TA1743A TAI-SAW-TA1743A Datasheet
340Kb / 10P
   SAW Rx Filter 942.5MHz LTE Band 8 SMD 1109 (35MHz BW)
TF0110B TAI-SAW-TF0110B Datasheet
1Mb / 14P
   SAW DPX 1732.5/2132.5MHz LTE Band 4 SMD 2016(45MHz BW)
TF0130B TAI-SAW-TF0130B Datasheet
511Kb / 15P
   SAW DPX 897.5/942.5 MHz Band 8 SMD 1.8X1.4 mm (BW=30.2 MHz)
TF0209A TAI-SAW-TF0209A Datasheet
1Mb / 13P
   SAW DPX 897.5/942.5 MHz LTE Band 8 SMD 1.8X1.4 mm(BW=34.52MHz)
TF0095B TAI-SAW-TF0095B Datasheet
641Kb / 13P
   SAW DPX 836.5/881.5MHz LTE Band 5 SMD 2016(25MHz BW)
TF0108B TAI-SAW-TF0108B Datasheet
1Mb / 14P
   SAW DPX 710/740MHz LTE Band 17 SMD 2016(12MHz BW)
TF0092A TAI-SAW-TF0092A Datasheet
328Kb / 14P
   SAW DPX 710/740MHz LTE Band 17 SMD 2016 (12MHz BW)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com