Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM51V16400D Datasheet (PDF) - OKI electronic componets

MSM51V16400D Datasheet PDF - OKI electronic componets
Part No. MSM51V16400D
Download  MSM51V16400D Click to view

File Size   471.41 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE

MSM51V16400D Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM51V16400D Datasheet PDF - OKI electronic componets

Part No. MSM51V16400D
Download  MSM51V16400D Click to view

File Size   471.41 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE

MSM51V16400D Datasheet (HTML) - OKI electronic componets

Back Button MSM51V16400D Datasheet HTML 1Page - OKI electronic componets MSM51V16400D Datasheet HTML 2Page - OKI electronic componets MSM51V16400D Datasheet HTML 3Page - OKI electronic componets MSM51V16400D Datasheet HTML 4Page - OKI electronic componets MSM51V16400D Datasheet HTML 5Page - OKI electronic componets MSM51V16400D Datasheet HTML 6Page - OKI electronic componets MSM51V16400D Datasheet HTML 7Page - OKI electronic componets MSM51V16400D Datasheet HTML 8Page - OKI electronic componets MSM51V16400D Datasheet HTML 9Page - OKI electronic componets MSM51V16400D Datasheet HTML 10Page - OKI electronic componets Next Button 

MSM51V16400D Product details

DESCRIPTION
The MSM51V16400D/DSL is a 4,194,304-word·4-bit dynamic RAM fabricated in Okis silicon-gate CMOS technology. The MSM51V16400D/DSL achieves high integration, high-speed operation, and low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/double-layer metal CMOS process. The MSM51V16400D/DSL is available in a 26/24-pin plastic SOJ or 26/24-pin plastic TSOP. The MSM51V16400DSL (the self-refresh version) is specially designed for lower-power applications.

FEATURES
• 4,194,304-word x 4-bit configuration
• Single 3.3 V power supply, ±0.3 V tolerance
• Input : LVTTL compatible, low input capacitance
• Output : LVTTL compatible, 3-state
• Refresh : 4096 cycles/64 ms, 4096 cycles/128 ms (SL version)
• Fast page mode, read modify write capability
• CAS before RAS refresh, hidden refresh, RAS-only refresh capability
• CAS before RAS self-refresh capability (SL version)
• Multi-bit test mode capability
• Package options:
    26/24-pin 300 mil plastic SOJ (SOJ26/24-P-300-1.27) (Product : MSM51V16400D/DSL-xxSJ)
    26/24-pin 300 mil plastic TSOP (TSOPII26/24-P-300-1.27-K) (Product : MSM51V16400D/DSL-xxTS-K)
                                                                                                         xx indicates speed rank.



Similar Part No. - MSM51V16400D

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSM51V16400A OKI-MSM51V16400A Datasheet
572Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400F OKI-MSM51V16400F Datasheet
236Kb / 16P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400F-50TS-K OKI-MSM51V16400F-50TS-K Datasheet
236Kb / 16P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400F-60TS-K OKI-MSM51V16400F-60TS-K Datasheet
236Kb / 16P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400F-70TS-K OKI-MSM51V16400F-70TS-K Datasheet
236Kb / 16P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM51V16400D

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSM5116400A OKI-MSM5116400A Datasheet
568Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400C OKI-MSM5116400C Datasheet
478Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400D OKI-MSM5116400D Datasheet
160Kb / 14P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17400D OKI-MSM51V17400D Datasheet
471Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400A OKI-MSM5117400A Datasheet
568Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400A OKI-MSM51V16400A Datasheet
572Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400B OKI-MSM5116400B Datasheet
70Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400B OKI-MSM5117400B Datasheet
96Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400C OKI-MSM5117400C Datasheet
478Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17400A OKI-MSM51V17400A Datasheet
584Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz