Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM51V16165D Datasheet (PDF) - OKI electronic componets

MSM51V16165D Datasheet PDF - OKI electronic componets
Part # MSM51V16165D
Download  MSM51V16165D Download

File Size   265.96 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO

MSM51V16165D Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM51V16165D Datasheet PDF - OKI electronic componets

Part # MSM51V16165D
Download  MSM51V16165D Click to download

File Size   265.96 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO

MSM51V16165D Datasheet (HTML) - OKI electronic componets

Back Button MSM51V16165D Datasheet HTML 1Page - OKI electronic componets MSM51V16165D Datasheet HTML 2Page - OKI electronic componets MSM51V16165D Datasheet HTML 3Page - OKI electronic componets MSM51V16165D Datasheet HTML 4Page - OKI electronic componets MSM51V16165D Datasheet HTML 5Page - OKI electronic componets MSM51V16165D Datasheet HTML 6Page - OKI electronic componets MSM51V16165D Datasheet HTML 7Page - OKI electronic componets MSM51V16165D Datasheet HTML 8Page - OKI electronic componets MSM51V16165D Datasheet HTML 9Page - OKI electronic componets MSM51V16165D Datasheet HTML 10Page - OKI electronic componets Next Button 

MSM51V16165D Product details

DESCRIPTION
The MSM51V16165D/DSL is a 1,048,576-word x 16-bit dynamic RAM fabricated in Okis silicon gate CMOS technology. The MSM51V16165D/DSL achieves high integration, high-speed operation, and low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/ double-layer metal CMOS process. The MSM51V16165D/DSL is available in a 42-pin plastic SOJ or 50/44-pin plastic TSOP. The MSM51V16165DSL (the self-refresh version) is specially designed for lower-power applications.

FEATURES
• 1,048,576-word x 16-bit configuration
• Single 3.3 V power supply, ±0.3 V tolerance
• Input : LVTTL compatible, low input capacitance
• Output : LVTTL compatible, 3-state
• Refresh : 4096 cycles/64 ms, 4096 cycles/128 ms (SL version)
• Fast page mode with EDO, read modify write capability
• CAS before RAS refresh, hidden refresh, RAS-only refresh capability
• CAS before RAS self-refresh capability (SL version)
• Package options:
    42-pin 400 mil plastic SOJ (SOJ42-P-400-1.27) (Product : MSM51V16165D/DSL-xxJS)
    50/44-pin 400 mil plastic TSOP (TSOPII50/44-P-400-0.80-K) (Product : MSM51V16165D/DSL-xxTS-K)
                                                                                                      xx indicates speed rank.




Similar Part No. - MSM51V16165D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V16165A OKI-MSM51V16165A Datasheet
626Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16165F OKI-MSM51V16165F Datasheet
234Kb / 16P
   1,048,576-Word 횞 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16165F-50TS-K OKI-MSM51V16165F-50TS-K Datasheet
234Kb / 16P
   1,048,576-Word 횞 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16165F-60TS-K OKI-MSM51V16165F-60TS-K Datasheet
234Kb / 16P
   1,048,576-Word 횞 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16165F-70TS-K OKI-MSM51V16165F-70TS-K Datasheet
234Kb / 16P
   1,048,576-Word 횞 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Similar Description - MSM51V16165D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5118165D OKI-MSM5118165D Datasheet
285Kb / 18P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V18165D OKI-MSM51V18165D Datasheet
344Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V18165A OKI-MSM51V18165A Datasheet
1Mb / 15P
   1,048,576-Word x 16-Bit DYNAMIC RAM :FAST PAGE MODE TYPE WITH EDO
MSM5118165B OKI-MSM5118165B Datasheet
255Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5116165D OKI-MSM5116165D Datasheet
285Kb / 18P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16165A OKI-MSM51V16165A Datasheet
626Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V18165B OKI-MSM51V18165B Datasheet
105Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5118165A OKI-MSM5118165A Datasheet
629Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V18165F OKI-MSM51V18165F Datasheet
191Kb / 15P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16165F OKI-MSM51V16165F Datasheet
234Kb / 16P
   1,048,576-Word 횞 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com