Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY34 Datasheet (PDF) - List of Unclassifed Manufacturers

CNY34 Datasheet PDF - List of Unclassifed Manufacturers
Part # CNY34
Download  CNY34 Download

File Size   69.79 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description PHOTON COUPLED ISOLATOR Ga As LIGHT ACTIVATED SCR

CNY34 Datasheet (PDF)

Go To PDF Page Download Datasheet
CNY34 Datasheet PDF - List of Unclassifed Manufacturers

Part # CNY34
Download  CNY34 Click to download

File Size   69.79 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description PHOTON COUPLED ISOLATOR Ga As LIGHT ACTIVATED SCR

CNY34 Datasheet (HTML) - List of Unclassifed Manufacturers

CNY34 Datasheet HTML 1Page - List of Unclassifed Manufacturers CNY34 Datasheet HTML 2Page - List of Unclassifed Manufacturers CNY34 Datasheet HTML 3Page - List of Unclassifed Manufacturers CNY34 Datasheet HTML 4Page - List of Unclassifed Manufacturers

CNY34 Product details

[Isocom]

DESCRIPTION
The CNY30, CNY34 are optically coupled isolators consisting of infrared light emitting diode and a light activated silicon controlled rectifier in a standard 6pin dual in line plastic package.

FEATURES
• Options :- 10mm lead spread - add G after part no. Surface mount - add SM after part no. Tape&reel - add SMT&R after part no.
• High Isolation Voltage (5.3kVRMS ,7.5kVPK )
• High Surge Anode Current (5.0 A)
• High Blocking Voltage (200V*1, 400V*1)
• Low Turn on Current (5mA typical)
• All electrical parameters 100% tested
• Custom electrical selections available

APPLICATIONS
• 10A, T2L compatible, Solid State Relay
• 25W Logic Indicator Lamp Driver
• 400V Symmetrical transistor coupler



Similar Part No. - CNY34

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
CNY34 NJSEMI-CNY34 Datasheet
44Kb / 1P
   Photo SCR
More results


Similar Description - CNY34

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCS2400 ETC1-MCS2400 Datasheet
76Kb / 4P
   PHOTON COUPLED ISOLATOR Ga As INFRARED EMITTING DIODE AND LIGHT ACTIVATED SCR
logo
GE Solid State
CNY48 GESS-CNY48 Datasheet
91Kb / 2P
   PHOTON COUPLED ISOLATOR
logo
List of Unclassifed Man...
H74A1 ETC-H74A1 Datasheet
59Kb / 2P
   PHOTON COUPLED ISOLATOR
logo
GE Solid State
CNY32 GESS-CNY32 Datasheet
92Kb / 2P
   PHOTON COUPLED ISOLATOR
logo
PerkinElmer Optoelectro...
GE3009 PERKINELMER-GE3009 Datasheet
62Kb / 2P
   PHOTON COUPLED ISOLATOR
logo
GE Solid State
MCS21 GESS-MCS21 Datasheet
94Kb / 2P
   PHOTON COUPLED ISOLATOR
logo
List of Unclassifed Man...
H11V2 ETC1-H11V2 Datasheet
125Kb / 3P
   Photon Coupled Isolator
logo
New Jersey Semi-Conduct...
4N29 NJSEMI-4N29 Datasheet
171Kb / 1P
   Photon Coupled Isolator
4N35 NJSEMI-4N35 Datasheet
191Kb / 2P
   Photon Coupled Isolator
logo
GE Solid State
CNY33 GESS-CNY33 Datasheet
234Kb / 6P
   PHOTON COUPLED ISOLATOR CNY33
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com