Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD780065 Datasheet (PDF) - NEC

UPD780065 Datasheet PDF - NEC
Part # UPD780065
Download  UPD780065 Download

File Size   4896.44 Kbytes
Page   472 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 8-bit Single-Chip Microcontroller

UPD780065 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD780065 Datasheet PDF - NEC

Part # UPD780065
Download  UPD780065 Click to download

File Size   4896.44 Kbytes
Page   472 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 8-bit Single-Chip Microcontroller

UPD780065 Datasheet (HTML) - NEC

Back Button UPD780065 Datasheet HTML 1Page - NEC UPD780065 Datasheet HTML 2Page - NEC UPD780065 Datasheet HTML 3Page - NEC UPD780065 Datasheet HTML 4Page - NEC UPD780065 Datasheet HTML 5Page - NEC UPD780065 Datasheet HTML 6Page - NEC UPD780065 Datasheet HTML 7Page - NEC UPD780065 Datasheet HTML 8Page - NEC UPD780065 Datasheet HTML 9Page - NEC UPD780065 Datasheet HTML 10Page - NEC Next Button 

UPD780065 Product details

Features
• Internal memory
• Instruction execution time can be changed
• I/O ports: 59
• 8-bit resolution A/D converter: 5 channels
• Sound generator
• LCD-controller / driver
• Meter controller / driver
• CAN-Interface
• Serial interface : 3 channels
• 3-wire mode : 1 channel
• 2-wire/3-wire mode : 1 channel
• UART mode : 1 channel
• Timer : 6 channels
• Supply voltage : VDD = 4.0 to 5.5 V

Application
   Dashboard, climate controller, security unit etc.




Similar Part No. - UPD780065

ManufacturerPart #DatasheetDescription
logo
NEC
UPD780065 NEC-UPD780065 Datasheet
565Kb / 66P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD780065 NEC-UPD780065 Datasheet
660Kb / 90P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD780065 NEC-UPD780065 Datasheet
345Kb / 52P
   8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD780065 RENESAS-UPD780065 Datasheet
556Kb / 66P
   MOS INTEGRATED CIRCUIT
1998
More results


Similar Description - UPD780065

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com