Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC2383257A Datasheet (PDF) - OKI electronic componets

MSC2383257A Datasheet PDF - OKI electronic componets
Part No. MSC2383257A
Download  MSC2383257A Click to view

File Size   71.3 Kbytes
Page   8 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 8,388,608-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO

MSC2383257A Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC2383257A Datasheet PDF - OKI electronic componets

Part No. MSC2383257A
Download  MSC2383257A Click to view

File Size   71.3 Kbytes
Page   8 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 8,388,608-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO

MSC2383257A Datasheet (HTML) - OKI electronic componets

MSC2383257A Datasheet HTML 1Page - OKI electronic componets MSC2383257A Datasheet HTML 2Page - OKI electronic componets MSC2383257A Datasheet HTML 3Page - OKI electronic componets MSC2383257A Datasheet HTML 4Page - OKI electronic componets MSC2383257A Datasheet HTML 5Page - OKI electronic componets MSC2383257A Datasheet HTML 6Page - OKI electronic componets MSC2383257A Datasheet HTML 7Page - OKI electronic componets MSC2383257A Datasheet HTML 8Page - OKI electronic componets

MSC2383257A Product details

DESCRIPTION
The Oki MSC2383257A-xxBS16/DS16 is a fully decoded 8,388,608-word x 32-bit CMOS dynamic random access memory composed of sixteen 16-Mb DRAMs (4M x 4) in SOJ. The mounting of sixteen DRAMs together with decoupling capacitors on a 72-pin glass epoxy SIMM Package supports any application where high density and large capacity of storage memory are required.

FEATURES
• 8,388,608-word x 32-bit organization
• 72-pin SIMM
    MSC2383257A-xxBS16 : Gold tab
    MSC2383257A-xxDS16 : Solder tab
• Single 5 V supply ±10% tolerance
• Input : TTL compatible
• Output : TTL compatible, 3-state, nonlatch
• Refresh : 2048 cycles/32 ms
• CAS before RAS refresh, CAS before RAS hidden refresh, RAS-only refresh capability
• Multi-bit test mode capability
• Fast Page Mode with EDO capability



Similar Part No. - MSC2383257A

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSC2383257D OKI-MSC2383257D Datasheet
50Kb / 9P
   8,388,608-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2383257D-XXBS16 OKI-MSC2383257D-XXBS16 Datasheet
50Kb / 9P
   8,388,608-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2383257D-XXDS16 OKI-MSC2383257D-XXDS16 Datasheet
50Kb / 9P
   8,388,608-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSC2383257A

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MSC23832A OKI-MSC23832A Datasheet
601Kb / 8P
   8,388,608-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC2323258A OKI-MSC2323258A Datasheet
61Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2313258A OKI-MSC2313258A Datasheet
59Kb / 8P
   1,048,576-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343257A OKI-MSC2343257A Datasheet
65Kb / 8P
   4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV43257A OKI-MSC23CV43257A Datasheet
68Kb / 9P
   4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2383257D OKI-MSC2383257D Datasheet
50Kb / 9P
   8,388,608-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257A OKI-MSC23CV23257A Datasheet
64Kb / 10P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23837A OKI-MSC23837A Datasheet
72Kb / 8P
   8,388,608-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23836AA OKI-MSC23836AA Datasheet
610Kb / 8P
   8,388,608-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC2383657D-XXBS20 OKI-MSC2383657D-XXBS20 Datasheet
88Kb / 9P
   8,388,608-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Datasheet Page

1  2  3  4  5  6  7  8 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz