Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA08932 Datasheet (PDF) - Golledge Electronics Ltd

MA08932 Datasheet PDF - Golledge Electronics Ltd
Part # MA08932
Download  MA08932 Download

File Size   194.26 Kbytes
Page   6 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 2345.0 MHz SAW Filter

MA08932 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA08932 Datasheet PDF - Golledge Electronics Ltd

Part # MA08932
Download  MA08932 Click to download

File Size   194.26 Kbytes
Page   6 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 2345.0 MHz SAW Filter

MA08932 Datasheet (HTML) - Golledge Electronics Ltd

MA08932 Datasheet HTML 1Page - Golledge Electronics Ltd MA08932 Datasheet HTML 2Page - Golledge Electronics Ltd MA08932 Datasheet HTML 3Page - Golledge Electronics Ltd MA08932 Datasheet HTML 4Page - Golledge Electronics Ltd MA08932 Datasheet HTML 5Page - Golledge Electronics Ltd MA08932 Datasheet HTML 6Page - Golledge Electronics Ltd

MA08932 Product details

MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC voltage: 3 V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -50°C to +95°C




Similar Part No. - MA08932

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA08935 GOLLEDGE-MA08935 Datasheet
293Kb / 7P
   1542.50MHz SAW Filter
More results


Similar Description - MA08932

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPQ1288 QORVO-QPQ1288 Datasheet
1Mb / 9P
   2345.0 MHz BAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com