Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA2018C Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA2018C Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA2018C
Download  TA2018C Download

File Size   756.38 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 1900 MHz (BW 40Hz) SMD 1.1x0.9x0.5mm

TA2018C Datasheet (PDF)

Go To PDF Page Download Datasheet
TA2018C Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA2018C
Download  TA2018C Click to download

File Size   756.38 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 1900 MHz (BW 40Hz) SMD 1.1x0.9x0.5mm

TA2018C Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TA2018C Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA2018C Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA2018C Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA2018C Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA2018C Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA2018C Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA2018C Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TA2018C

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
TA201800A POWEREX-TA201800A Datasheet
473Kb / 4P
   Phase Control SCR (1800 Amperes Average 2200 Volts)
TA201800A POWEREX-TA201800A Datasheet
1Mb / 4P
   Phase Control Thyristor
TA201800A POWEREX-TA201800A_13 Datasheet
1Mb / 4P
   Phase Control Thyristor
TA201816 POWEREX-TA201816 Datasheet
200Kb / 4P
   Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts)
TA201818 POWEREX-TA201818 Datasheet
200Kb / 4P
   Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts)
More results


Similar Description - TA2018C

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2018B TAI-SAW-TA2018B Datasheet
706Kb / 7P
   SAW Filter 1900 MHz (BW 40Hz) SMD 1.1x0.9x0.5mm
TA1573A TAI-SAW-TA1573A Datasheet
160Kb / 7P
   SAW Filter 1589 MHz BW 31.47MHz SMD 1.1x0.9x0.5mm
TA2250A TAI-SAW-TA2250A Datasheet
855Kb / 7P
   SAW Filter 1585.655 MHz (BW 40.47Hz) SMD 1.1x0.9x0.5mm
TA2015A TAI-SAW-TA2015A Datasheet
698Kb / 7P
   SAW Filter 2350 MHz (BW 100Hz) SMD 1.1x0.9x0.5mm
TA2291A TAI-SAW-TA2291A Datasheet
672Kb / 7P
   SAW Filter 1585.655 MHz (BW 40.47Hz) SMD 1.1x0.9x0.5mm
TA2016A TAI-SAW-TA2016A Datasheet
422Kb / 7P
   SAW Filter 876.5 MHz (BW 35MHz) SMD 1.1x0.9x0.5mm
TA2054A TAI-SAW-TA2054A Datasheet
693Kb / 7P
   SAW Filter 1600.25 MHz BW 52.5MHz SMD 1.1x0.9x0.5mm
TA2385A TAI-SAW-TA2385A Datasheet
715Kb / 7P
   SAW Filter 1590.05 MHz (BW 31.7Hz) SMD 1.1x0.9x0.5mm
TA2154A TAI-SAW-TA2154A Datasheet
669Kb / 7P
   SAW Filter 1588.655 MHz (BW 34.47Hz) SMD 1.1x0.9x0.5mm
TA1855A TAI-SAW-TA1855A Datasheet
280Kb / 7P
   SAW Filter 1588.655 MHz (BW 34.47MHz) SMD 1.1x0.9x0.5mm
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com