Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1963C Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA1963C Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA1963C
Download  TA1963C Download

File Size   533.5 Kbytes
Page   9 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description BAW Filter 2350MHz LTE Band 40 SMD 1411(100MHz BW)

TA1963C Datasheet (PDF)

Go To PDF Page Download Datasheet
TA1963C Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1963C
Download  TA1963C Click to download

File Size   533.5 Kbytes
Page   9 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description BAW Filter 2350MHz LTE Band 40 SMD 1411(100MHz BW)

TA1963C Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TA1963C Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1963C Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1963C Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1963C Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1963C Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1963C Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1963C Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1963C Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1963C Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TA1963C

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1963A TAI-SAW-TA1963A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
Golledge Electronics Lt...
TA1963A GOLLEDGE-TA1963A Datasheet
233Kb / 6P
   SAW Filter 2350.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1963B TAI-SAW-TA1963B Datasheet
516Kb / 9P
   BAW Filter 2350MHz LTE Band 40 SMD 1411(100MHz BW)
More results


Similar Description - TA1963C

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1963B TAI-SAW-TA1963B Datasheet
516Kb / 9P
   BAW Filter 2350MHz LTE Band 40 SMD 1411(100MHz BW)
TA1966A TAI-SAW-TA1966A Datasheet
330Kb / 7P
   SAW Tx Filter 2350MHz LTE Band 40 SMD 1109 (100MHz BW)
TA1969A TAI-SAW-TA1969A Datasheet
331Kb / 7P
   SAW Filter 2350MHz 100MHz BW SMD1.1x0.9mm
TA1818B TAI-SAW-TA1818B Datasheet
474Kb / 8P
   SAW Rx Filter 2140MHz LTE Band 1 SMD 1411 (60MHz BW)
TA1726B TAI-SAW-TA1726B Datasheet
486Kb / 8P
   SAW Rx Filter 942.5MHz LTE Band 8 SMD 1411 (30.2MHz BW)
TA1757A TAI-SAW-TA1757A Datasheet
551Kb / 9P
   SAW Tx Filter 847MHz LTE Band 20 SMD 1411 (30MHz BW)
TA1756A TAI-SAW-TA1756A Datasheet
317Kb / 9P
   SAW Rx Filter 806MHz LTE Band 20 SMD 1411 (30MHz BW)
TA1816B TAI-SAW-TA1816B Datasheet
428Kb / 8P
   SAW Rx Filter 881.5MHz LTE Band 5 SMD 1411 (25MHz BW)
TA1762A TAI-SAW-TA1762A Datasheet
338Kb / 8P
   SAW Tx Filter 1880MHz LTE Band 2 SMD 1411 (60MHz BW)
TA1817B TAI-SAW-TA1817B Datasheet
449Kb / 8P
   SAW Rx Filter 1960MHz LTE Band 2 SMD 1411 (58.8MHz BW)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com