Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR27V802D Datasheet (PDF) - OKI electronic componets

MR27V802D Datasheet PDF - OKI electronic componets
Part # MR27V802D
Download  MR27V802D Download

File Size   58.13 Kbytes
Page   11 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM

MR27V802D Datasheet (PDF)

Go To PDF Page Download Datasheet
MR27V802D Datasheet PDF - OKI electronic componets

Part # MR27V802D
Download  MR27V802D Click to download

File Size   58.13 Kbytes
Page   11 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM

MR27V802D Datasheet (HTML) - OKI electronic componets


MR27V802D Product details

DESCRIPTION

The MR27V802D is a 8Mbit electrically Programmable Read-Only Memory whose configuration can be electrically switched between 524,288 word x 16bit and 1,048,576 word x 8bit. The MR27V802D operates on a single +3V-3.3V power supply and is TTL compatible. Since the MR27V802D operates asynchronously , external clocks are not required , making this device easy-to-use. The MR27V802D is suitable as large-capacity fixed memory for microcomputers and data terminals. It is manufactured using a CMOS double silicon gate technology and is offered in 42-pin DIP, 44-pin SOP or 44-pin TSOP packages.



FEATURES

• 524,288 word x 16bit / 1,048,576 word x 8bit electrically switchable configuration

• Single +3V-3.3V power supply

• Access time 100ns access time (Vcc=+3V)

                    80ns access time (Vcc=+3.3V)

• Input / Output TTL compatible

• Three-state output

• Packages

           42-pin plastic DIP (DIP42-P-600-2.54) (Product name : MR27V802DRA)

           44-pin plastic SOP (SOP44-P-600-1.27-K) (Product name : MR27V802DMA)

           44-pin plastic TSOP (TSOP II 44-P-400-0.80-K) (Product name : MR27V802DTP)



 




Similar Part No. - MR27V802D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V802F OKI-MR27V802F Datasheet
146Kb / 15P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-bit One Time PROM
MR27V802FMA OKI-MR27V802FMA Datasheet
146Kb / 15P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-bit One Time PROM
MR27V802FTN OKI-MR27V802FTN Datasheet
146Kb / 15P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-bit One Time PROM
MR27V802FTP OKI-MR27V802FTP Datasheet
146Kb / 15P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-bit One Time PROM
More results


Similar Description - MR27V802D

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR27V802F OKI-MR27V802F Datasheet
146Kb / 15P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-bit One Time PROM
MSM27C802CZ OKI-MSM27C802CZ Datasheet
108Kb / 12P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
MR27V852D OKI-MR27V852D Datasheet
56Kb / 10P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V852E OKI-MR27V852E Datasheet
100Kb / 13P
   524,288 Word X 16 - Bit or 1,048,576 - Word X 8 - Bit 8 - Word x 16-Bit or 16 - Word x 8-Bit Page Mode One Time PROM
MSM27C852CZ OKI-MSM27C852CZ Datasheet
91Kb / 12P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MSM27C402CZ OKI-MSM27C402CZ Datasheet
93Kb / 13P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V402D OKI-MR27V402D Datasheet
84Kb / 11P
   262,144-Word x 16-Bit or 524,288-Word x 8-Bit One Time PROM
MR27V1602F OKI-MR27V1602F Datasheet
132Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27C1602B OKI-MR27C1602B Datasheet
128Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602D OKI-MR27V1602D Datasheet
58Kb / 11P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com