Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM2420 Datasheet (PDF) - List of Unclassifed Manufacturers

EM2420 Datasheet PDF - List of Unclassifed Manufacturers
Part # EM2420
Download  EM2420 Download

File Size   1758.36 Kbytes
Page   89 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver

EM2420 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM2420 Datasheet PDF - List of Unclassifed Manufacturers

Part # EM2420
Download  EM2420 Click to download

File Size   1758.36 Kbytes
Page   89 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver

EM2420 Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button EM2420 Datasheet HTML 1Page - List of Unclassifed Manufacturers EM2420 Datasheet HTML 2Page - List of Unclassifed Manufacturers EM2420 Datasheet HTML 3Page - List of Unclassifed Manufacturers EM2420 Datasheet HTML 4Page - List of Unclassifed Manufacturers EM2420 Datasheet HTML 5Page - List of Unclassifed Manufacturers EM2420 Datasheet HTML 6Page - List of Unclassifed Manufacturers EM2420 Datasheet HTML 7Page - List of Unclassifed Manufacturers EM2420 Datasheet HTML 8Page - List of Unclassifed Manufacturers EM2420 Datasheet HTML 9Page - List of Unclassifed Manufacturers EM2420 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

EM2420 Product details

[ember]

Product Description
The EM2420 is a true single-chip 2.4 GHz IEEE 802.15.4 compliant RF transceiver designed for low-power and low-voltage wireless applications. The EM2420 includes a digital direct sequence spread spectrum baseband modem and an effective datarate of 250 kbps. The EM2420 chip is only available from Ember with a licensed Ember networking stack and is targeted to approved 8-bit processors.

Key Features
• True single-chip 2.4 GHz IEEE 802.15.4 compliant RF transceiver with baseband modem, MAC support, and networking stack.
• DSSS baseband modem with 2 MChips/s and 250 kbps effective data rate.
• Suitable for both RFD and FFD operation
• Low current consumption (RX: 19.7 mA, TX: 17.4 mA)
• Low supply voltage (2.1 – 3.6 V) with integrated voltage regulator
• Low supply voltage (1.6 – 2.0 V) with external voltage regulator
• Programmable output power
• No external RF switch / filter needed
• I/Q low-IF receiver
• I/Q direct upconversion transmitter
• Very few external components
• 128 (RX) + 128 (TX) byte data buffering
• Digital RSSI / LQI support
• Hardware MAC encryption (AES-128)
• Battery monitor
• QLP-48 package, 7x7 mm
• Complies with EN 300 440 and FCC CFR-47 part 15, ARIB STD-T-66
• Powerful and flexible development tools available

Applications
• 2.4 GHz IEEE 802.15.4 systems
• ZigBee systems
• Consumer Electronics
• Industrial Control
• Home/building automation
• PC peripherals




Similar Part No. - EM2420

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EM2420-RT SILABS-EM2420-RT Datasheet
111Kb / 2P
   End of Life (EOL) Change Notice
EM2420-RTR SILABS-EM2420-RTR Datasheet
111Kb / 2P
   End of Life (EOL) Change Notice
More results


Similar Description - EM2420

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2420ZRTC TI1-CC2420ZRTC Datasheet
1Mb / 96P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420RTCR TI1-CC2420RTCR Datasheet
1Mb / 94P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
List of Unclassifed Man...
CC2420 ETC1-CC2420 Datasheet
1Mb / 87P
   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
Texas Instruments
CC2420 TI-CC2420 Datasheet
1Mb / 92P
[Old version datasheet]   2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com