Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0797580011 Datasheet (PDF) - Molex Electronics Ltd.

0797580011 Datasheet PDF - Molex Electronics Ltd.
Part # 0797580011_18
Download  0797580011 Download

File Size   40.34 Kbytes
Page   1 Pages
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.
Description Pre-Crimped Lead SL Female-to-SL Female, 300mm, 22 AWG

0797580011 Datasheet (PDF)

Go To PDF Page Download Datasheet
0797580011 Datasheet PDF - Molex Electronics Ltd.

Part # 0797580011_18
Download  0797580011 Click to download

File Size   40.34 Kbytes
Page   1 Pages
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.
Description Pre-Crimped Lead SL Female-to-SL Female, 300mm, 22 AWG

0797580011 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 0797580011_18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0797580011 MOLEX9-0797580011 Datasheet
157Kb / 2P
   SL Female (Sn) 22 AWG,UL1061,300MM
More results


Similar Description - 0797580011_18

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0797580003 MOLEX1-0797580003_18 Datasheet
40Kb / 1P
   Pre-Crimped Lead SL Female-to-SL Female, 150mm, 22 AWG
0797580015 MOLEX1-0797580015_18 Datasheet
44Kb / 1P
   Pre-Crimped Lead KK 254 Female-to-KK 254 Female, 300mm, 22 AWG
0797582032 MOLEX1-0797582032 Datasheet
43Kb / 1P
   Pre-Crimped Lead MLX Female-to-MLX Female, 300mm, 18 AWG
0797582044 MOLEX1-0797582044 Datasheet
43Kb / 1P
   Pre-Crimped Lead Sabre Female-to-Sabre Female, 300mm, 16 AWG
0797581009 MOLEX1-0797581009 Datasheet
43Kb / 1P
   Pre-Crimped Lead DuraClik Female-to-DuraClik Female, 300mm, 26 AWG
0797581021 MOLEX1-0797581021 Datasheet
42Kb / 1P
   Pre-Crimped Lead Sherlock Female-to-Sherlock Female, 300mm, 26 AWG
0797582023 MOLEX1-0797582023 Datasheet
37Kb / 1P
   Pre-Crimped Lead C-Grid III Female-to-C-Grid III Female, 300mm, 22 AWG
0797581010 MOLEX1-0797581010 Datasheet
42Kb / 1P
   Pre-Crimped Lead Pico-EZmate Female-to-Pico-EZmate Female, 300mm, 28 AWG
0797581006 MOLEX1-0797581006 Datasheet
44Kb / 1P
   Pre-Crimped Lead Pico-Lock Female-to-Pico-Lock Female, 300mm, 30 AWG
0797581004 MOLEX1-0797581004 Datasheet
44Kb / 1P
   Pre-Crimped Lead Pico-Lock Female-to-Pico-Lock Female, 300mm, 24 AWG
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com