Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE978SM Datasheet (PDF) - NTE Electronics

NTE978SM Datasheet PDF - NTE Electronics
Part # NTE978SM
Download  NTE978SM Download

File Size   28.89 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual Timer

NTE978SM Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE978SM Datasheet PDF - NTE Electronics

Part # NTE978SM
Download  NTE978SM Click to download

File Size   28.89 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual Timer

NTE978SM Datasheet (HTML) - NTE Electronics

NTE978SM Datasheet HTML 1Page - NTE Electronics NTE978SM Datasheet HTML 2Page - NTE Electronics NTE978SM Datasheet HTML 3Page - NTE Electronics

NTE978SM Product details

Description:

The NTE978 series dual timing circuit is a highly stable controller capable of producing accurate time delays or oscillation. The NTE978 is a dual NTE955. Timing is provided by an external resistor and capacitor for each timing function. The two timers operate independently of each other sharing only VCC and GND. The circuits may be triggered and reset on falling waveforms. The output structures may sink or source 200mA.



Features:

Direct Replacement for 556 Timers

Replaces Two 555 Timers

Timing from Microseconds through Hours

Operates in both Astable and Monostable Modes

Adjustable Duty Cycle

Output can Source or Sink 200mA

Output and Supply TTL Compatible

Temperature Stability better than 0.005% per °C

Normally On and Normally Off Output

Available in Three Types:

NTE978 14–Lead DIP

NTE978C 14–Lead DIP (CMOS)

NTE978SM SOIC–14 (Surface Mount)



Applications:

Precision Timing

Pulse Generation

Sequential Timing

Time Delay Generation

Pulse Width Modulation

Pulse Position Modulation

Linear Ramp Generator




Similar Part No. - NTE978SM

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE97 NTE-NTE97 Datasheet
28Kb / 3P
   Silicon NPN Transistor HV Darlington Power Amp, Switch
NTE970 NTE-NTE970 Datasheet
25Kb / 2P
   Linear Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1.2V to 33V, 3A
NTE971 NTE-NTE971 Datasheet
23Kb / 2P
   Linear Integrated Circuit Voltage Regulator, Negative, -24V, 1A
NTE972 NTE-NTE972 Datasheet
24Kb / 2P
   Integrated Circuit 3-Terminal Positive Voltage Regulator, 24V
NTE973 NTE-NTE973 Datasheet
27Kb / 4P
   Integrated Circuit Double Balanced Modulator/Demodulator
More results


Similar Description - NTE978SM

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE926 NTE-NTE926 Datasheet
23Kb / 2P
   Integrated Circuit Quad Timer
NTE1609 NTE-NTE1609 Datasheet
22Kb / 3P
   Integrated Circuit Instrumentation Timer
logo
KEC(Korea Electronics)
KIA555P KEC-KIA555P Datasheet
278Kb / 3P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (TIMER)
logo
NTE Electronics
NTE3882 NTE-NTE3882 Datasheet
29Kb / 4P
   Integrated Circuit NMOS, Counter Timer Control (CTC)
logo
Leshan Radio Company
LBSS138V33T1G LRC-LBSS138V33T1G_15 Datasheet
396Kb / 3P
   Dual Integrated Circuit
logo
NEC
UPC1555 NEC-UPC1555 Datasheet
103Kb / 12P
   TIMER CIRCUIT
logo
NTE Electronics
NTE1414 NTE-NTE1414 Datasheet
23Kb / 3P
   Integrated Circuit Digital AC Clock Timer for VCR
logo
Summit Microelectronics...
S4242 SUMMIT-S4242 Datasheet
102Kb / 16P
   Dual Voltage Supervisory Circuit With Watchdog Timer
logo
NTE Electronics
NTE1718 NTE-NTE1718 Datasheet
19Kb / 2P
   Integrated Circuit Dual Comparator
NTE1439 NTE-NTE1439 Datasheet
21Kb / 2P
   Integrated Circuit Dual Attenuator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com