Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCSMA-MM-RG316DS-6P Datasheet (PDF) - CRYSTEK CORPORATION

CCSMA-MM-RG316DS-6P Datasheet PDF - CRYSTEK CORPORATION
Part # CCSMA-MM-RG316DS-6P
Download  CCSMA-MM-RG316DS-6P Download

File Size   846.59 Kbytes
Page   1 Pages
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION
Description RG316DS 50 Ohm Coaxial Cables

CCSMA-MM-RG316DS-6P Datasheet (PDF)

Go To PDF Page Download Datasheet
CCSMA-MM-RG316DS-6P Datasheet PDF - CRYSTEK CORPORATION

Part # CCSMA-MM-RG316DS-6P
Download  CCSMA-MM-RG316DS-6P Click to download

File Size   846.59 Kbytes
Page   1 Pages
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION
Description RG316DS 50 Ohm Coaxial Cables

CCSMA-MM-RG316DS-6P Datasheet (HTML) - CRYSTEK CORPORATION




Similar Part No. - CCSMA-MM-RG316DS-6P

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CCSMA-MM-RG316DS-6 CRYSTEKMICROWAVE-CCSMA-MM-RG316DS-6 Datasheet
483Kb / 2P
   RG-316 Double Shielded RF Coax Cable As emblies
More results


Similar Description - CCSMA-MM-RG316DS-6P

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
RG174 CRYSTEKCRYSTAL-RG174 Datasheet
1Mb / 2P
   RG174 50 Ohm Coaxial Cables
logo
CRYSTEK CORPORATION
CCMX-MM-RG178-6 CRYSTEKMICROWAVE-CCMX-MM-RG178-6 Datasheet
884Kb / 2P
   RG178 50 Ohm MMCX Coaxial Cables
CCMX-MM-RG316-6 CRYSTEKMICROWAVE-CCMX-MM-RG316-6 Datasheet
867Kb / 2P
   RG316 50 Ohm MMCX Coaxial Cables
CCSMA-MM-SS402-6 CRYSTEKMICROWAVE-CCSMA-MM-SS402-6 Datasheet
360Kb / 1P
   SS402 50 Ohm 18GHz Precision Coaxial Cables
CCESMA-MM-SS402-12 CRYSTEKMICROWAVE-CCESMA-MM-SS402-12 Datasheet
935Kb / 1P
   SS402 50 Ohm 18G Hz Precision Coaxial Cables
CCSMA-MM-LL142-12 CRYSTEKMICROWAVE-CCSMA-MM-LL142-12 Datasheet
684Kb / 5P
   LL142 50 Ohm 18GHz Low Loss Coaxial Cables
CCASMA-MM-LL142-24 CRYSTEKMICROWAVE-CCASMA-MM-LL142-24 Datasheet
563Kb / 4P
   Armored 50 Ohm 18GHz Low Loss Coaxial Cables
CCSMA18-MM-086F-12 CRYSTEKMICROWAVE-CCSMA18-MM-086F-12 Datasheet
1Mb / 3P
   086 Flexible 50 Ohm 18 GHz Coaxial Cables
CCSMA-MM-LL335-36 CRYSTEKMICROWAVE-CCSMA-MM-LL335-36 Datasheet
1Mb / 2P
   LL335 50 Ohm 18 GHz Low Loss Coaxial Cables
CCSMA-MM-086-3 CRYSTEKMICROWAVE-CCSMA-MM-086-3 Datasheet
904Kb / 1P
   50 Ohm DC-12 GHz Hand Formable Coaxial Cables
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com