Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCSMA18-MM-086F-12 Datasheet (PDF) - CRYSTEK CORPORATION

CCSMA18-MM-086F-12 Datasheet PDF - CRYSTEK CORPORATION
Part # CCSMA18-MM-086F-12
Download  CCSMA18-MM-086F-12 Download
File Size   1564.36 Kbytes
Page   3 Pages
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION
Description 086 Flexible 50 Ohm 18 GHz Coaxial Cables

CCSMA18-MM-086F-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
CCSMA18-MM-086F-12 Datasheet PDF - CRYSTEK CORPORATION

Part # CCSMA18-MM-086F-12
Download  CCSMA18-MM-086F-12 Click to download

File Size   1564.36 Kbytes
Page   3 Pages
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION
Description 086 Flexible 50 Ohm 18 GHz Coaxial Cables

CCSMA18-MM-086F-12 Datasheet (HTML) - CRYSTEK CORPORATION




Similar Part No. - CCSMA18-MM-086F-12

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CCSMA18-MM-141-10 CRYSTEKMICROWAVE-CCSMA18-MM-141-10 Datasheet
892Kb / 1P
50 Ohm DC-18 GHz Hand Formable Coaxial Cables
CCSMA18-MM-141-12 CRYSTEKMICROWAVE-CCSMA18-MM-141-12 Datasheet
892Kb / 1P
50 Ohm DC-18 GHz Hand Formable Coaxial Cables
CCSMA18-MM-141-3 CRYSTEKMICROWAVE-CCSMA18-MM-141-3 Datasheet
892Kb / 1P
50 Ohm DC-18 GHz Hand Formable Coaxial Cables
CCSMA18-MM-141-4 CRYSTEKMICROWAVE-CCSMA18-MM-141-4 Datasheet
892Kb / 1P
50 Ohm DC-18 GHz Hand Formable Coaxial Cables
CCSMA18-MM-141-5 CRYSTEKMICROWAVE-CCSMA18-MM-141-5 Datasheet
892Kb / 1P
50 Ohm DC-18 GHz Hand Formable Coaxial Cables
More results


Similar Description - CCSMA18-MM-086F-12

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CCSMA121-MM-086F-12 CRYSTEKMICROWAVE-CCSMA121-MM-086F-12 Datasheet
1,015Kb / 4P
086 Flexible 50 Ohm 12.6 GHz Right Angle Coaxial Cables
CCSMA-MM-LL335-36 CRYSTEKMICROWAVE-CCSMA-MM-LL335-36 Datasheet
1Mb / 2P
LL335 50 Ohm 18 GHz Low Loss Coaxial Cables
CCSMA18-MM-141-3 CRYSTEKMICROWAVE-CCSMA18-MM-141-3 Datasheet
892Kb / 1P
50 Ohm DC-18 GHz Hand Formable Coaxial Cables
CCSMA-MM-RG316DS-6P CRYSTEKMICROWAVE-CCSMA-MM-RG316DS-6P Datasheet
846Kb / 1P
RG316DS 50 Ohm Coaxial Cables
logo
Crystek Corporation
RG174 CRYSTEKCRYSTAL-RG174 Datasheet
1Mb / 2P
RG174 50 Ohm Coaxial Cables
logo
CRYSTEK CORPORATION
CCSMA-MM-086-3 CRYSTEKMICROWAVE-CCSMA-MM-086-3 Datasheet
904Kb / 1P
50 Ohm DC-12 GHz Hand Formable Coaxial Cables
logo
Mini-Circuits
CBL-SERIES MINI-CBL-SERIES Datasheet
236Kb / 3P
Coaxial-Flex Test Cables 50??DC to 18 GHz
logo
CRYSTEK CORPORATION
CCMX-MM-RG178-6 CRYSTEKMICROWAVE-CCMX-MM-RG178-6 Datasheet
884Kb / 2P
RG178 50 Ohm MMCX Coaxial Cables
CCMX-MM-RG316-6 CRYSTEKMICROWAVE-CCMX-MM-RG316-6 Datasheet
867Kb / 2P
RG316 50 Ohm MMCX Coaxial Cables
CC2450-MM-150-24 CRYSTEKMICROWAVE-CC2450-MM-150-24 Datasheet
1Mb / 2P
50 GHz Low Loss Coaxial Cables
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com